Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1751A-34-BB-FC-06 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 1751A-34-BB-FC-06
Description  1550 nm DWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1751A-34-BB-FC-06 Datasheet(HTML) 3 Page - Emcore Corporation

  1751A-34-BB-FC-06 Datasheet HTML 1Page - Emcore Corporation 1751A-34-BB-FC-06 Datasheet HTML 2Page - Emcore Corporation 1751A-34-BB-FC-06 Datasheet HTML 3Page - Emcore Corporation 1751A-34-BB-FC-06 Datasheet HTML 4Page - Emcore Corporation 1751A-34-BB-FC-06 Datasheet HTML 5Page - Emcore Corporation 1751A-34-BB-FC-06 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | JUNE 2012
FIBER OPTICS
| REV 2012.06
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF Characteristic
Parameter
Symbol
Condition
Min
Typ
Max
Units
Frequency Range
1
Return Path
Forward Path
F
IF = 60 mA
5
40
-
-
210
860
MHz
MHz
Frequency Response
1
Return Path Version 5-210 MHz
Forward Path Version 40- 860 MHz
-
-
IF = 60 mA,
TOP = 25 C
-
-
±0.5
±0.5
-
-
dB
dB
RF Return Loss
1
| S11 |
-
16
-
-
dB
Composite Second Order
CSO
IF = IOP
Note 2, 3, 4 and 5
50
-
-
dBc
Composite Triple Beat
CTB
IF = IOP
Note 2, 3, 4 and 5
60
-
-
dBc
Carrier to Noise Ratio
CNR
IF = IOP
Note 2, 3, 4 and 5
51
-
-
dB
Adiabatic Chirp
FM
IF = 60 mA, T = 25 C,
measured at 500 MHz
40
-
100
MHz/m
A
Nominal Input Impedance
ZIN
-
-
25
-
dB
1. Measured on a 50
 resistively matched system.
2. I OP is the bias point at which simultaneously the linearity, the min. optical power and the required operating wavelength,
OP are obtained.
3. 8 channel loading with 10% OMI and 40 km fiber length.
4. Receiver thermal noise 8 pA*Hz
-0.5, 0.5mA at Ith+40mA, photodiode responsivity ~1.1A/W, noise bandwidth 4.2 MHz
5. Forward band (FB=45-870 MHz): Eight channel CW measurement: channel frequencies set at 553.25, 559.25, 565.25,
571.25, 577.25, 583.25, 589.25, and 595.25 MHz. CTB measured at 553.25, 577.25, and 595.25 MHz. CSO measured at
42 MHz
6. Measured Wavelength = Operating wavelength with a tolerance of + 0.05 nm.
Electrical Schematics
Figure 1. 1751A Laser Schematic
Figure 2. 1751A Circuit Schematic
1751A 1550 nm DWDM DFB Laser Module


Similar Part No. - 1751A-34-BB-FC-06

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
More results

Similar Description - 1751A-34-BB-FC-06

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
   1550 nm DFB LASER DIODES
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com