Electronic Components Datasheet Search |
|
DEMM9SHNM-F225 Datasheet(PDF) 2 Page - ITT Industries |
|
DEMM9SHNM-F225 Datasheet(HTML) 2 Page - ITT Industries |
2 / 62 page C C-2 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Series Wire Gauge Range AWG Mating Cycles RoHS confirm Layout Operating Voltage Current Rating (Amps) Contact Resistance Operating Temperature Mil Salt Spray Test Resistance in hours Shell Material Shell Finish Insulator Contact Type Contact Material Contact Finish Page Number D*NM AWG 18 - 30 500 Available 9, 15, 25, 37, 50, 15, 26, 44, 62, 78, 104 (high density and Combo D) 1000 VAC* 7,5 A max 10 milli Ohm max -55°C/125°C 48 hours Copper Alloy Gold over Copper (K52) Thermoplastic, PCT UL94V-0 Turned Copper Alloy 1,27 μm gold over copper C-9 D- Subminiature D*H up to AWG 20 500 No 9, 15, 25, 37, 50 750 VAC* 7,5 A max 15 milli Ohm max -55°C/125°C 48 hours Steel Electo-deposited tin over cadmium over copper flash Compression Glass Turned Steel Electo-deposited tin over cadmium over copper flash J-45 MIL-DTL-24308 AWG 18 - 30 500 No 9, 15, 25, 37, 50, 15, 26, 44, 62, 78 (high density ) 1700 VAC* 7,5 A max 10 milli Ohm max -50°C/150°C 48 hours Steel Yellow Chromate over Cadmium or Zinc Thermoplastic, PCT UL 94V-0 Turned Copper Alloy 1,27 µm gold C-11 D Subminiature Selector Guide ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 2 |
Similar Part No. - DEMM9SHNM-F225 |
|
Similar Description - DEMM9SHNM-F225 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |