Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA3030-ECD-P-2 Datasheet(PDF) 1 Page - Emcore Corporation

Part # MAFA3030-ECD-P-2
Description  Erbium Doped Fiber Micro Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA3030-ECD-P-2 Datasheet(HTML) 1 Page - Emcore Corporation

  MAFA3030-ECD-P-2 Datasheet HTML 1Page - Emcore Corporation MAFA3030-ECD-P-2 Datasheet HTML 2Page - Emcore Corporation MAFA3030-ECD-P-2 Datasheet HTML 3Page - Emcore Corporation MAFA3030-ECD-P-2 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
High Performance Supertrunking Links
High Power Distribution Networks
Redundant Ring Architectures
FTTx Networks
Fiber Deep Architectures
Features
Full Function Fiber Optic Amplifier
Ready for Integration
Low Noise Figure (Typ < 6.0 dB)
Pin: -10 dBm to +12 dBm
Pout: +27 dBm to +37 dBm
Standard RS-232 Communication
Low Electrical Power Consumption
Input/Output Isolation >40/40 dB
Polarization Dependant Gain (PDG)
< 0.1 dB
Polarization Mode Dispersion (PMD)
< 0.5 ps
Input & Output Return Losses < -40 dB
Wavelength: 1545 nm to 1562 nm
MAFA 3000 Series Erbium Doped Fiber Micro Amplifier
EMCORE’s MAFA 3000 Series Erbium Doped Fiber Amplifier (EDFA) Gain Block
Module is an ideal building block for OEM system integrators. The family of MAFA
3000 EDFA Gain Blocks is designed to meet the most demanding noise
performance requirements of special and CATV applications, and performs all the
functions required of a high power optical amplifier for system integration.
MAFA 3000 series EDFA Gain Blocks provide optical isolation on the input and
output of the gain block for stable, low noise operation. The input and output
optical signal power levels are detected for monitoring and control. The input
optical signal is amplified with active gain control for a constant output power level
or with active output power control for constant gain mode operation.
The MAFA 3000 series EDFA Gain Blocks also provide monitors and associated
alarms for all vital characteristics. The optical output of the MAFA 3000 series
EDFA Gain Blocks can be split into multiple ports by an optional external splitter.
Small mechanical footprint allows using this unit in very tight space environments.
MAFA 3000 Series EDFA


Similar Part No. - MAFA3030-ECD-P-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA3030-ECD-P-2 EMCORE-MAFA3030-ECD-P-2 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
More results

Similar Description - MAFA3030-ECD-P-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2100-PA EMCORE-MAFA-2100-PA Datasheet
383Kb / 3P
   Erbium Doped Fiber Micro PreAmplifier
MAFA-1000 EMCORE-MAFA-1000 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com