Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9139 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9139
Description  SMC Plug to BNC Male Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9139 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9139 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9139 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9139 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Plug to BNC Male Adapter
Configuration
Connector 1
SMC Plug
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
BNC Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.22 [30.99]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
SMC Plug
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in.
1/4
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMC Plug to BNC Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug to BNC Male Adapter PE9139
PE9139
PE9139 REV


Similar Part No. - PE9139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91390 PASTERNACK-PE91390 Datasheet
357Kb / 4P
   Low PIM 7/16 DIN Male to 4.3-10 Female Adapter
PE91391 PASTERNACK-PE91391 Datasheet
356Kb / 4P
   Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PE91392 PASTERNACK-PE91392 Datasheet
357Kb / 3P
   TNC Female to 7/16 DIN Female Adapter
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
   Slide-On BMA Jack to BMA Jack Slide-On Adapter
PE91396 PASTERNACK-PE91396 Datasheet
360Kb / 4P
   Slide-On BMA Plug to SMA Male Adapter
More results

Similar Description - PE9139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
   SMC Jack to BNC Male Adapter
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
   SMC Jack to BNC Male Adapter
PE9141 PASTERNACK-PE9141 Datasheet
251Kb / 3P
   SMC Plug to BNC Female Adapter
PE9141 PASTERNACK-PE9141 Datasheet
251Kb / 3P
   SMC Plug to BNC Female Adapter
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
   50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9318 PASTERNACK-PE9318 Datasheet
248Kb / 2P
   N Male to SMC Plug Adapter
PE9148 PASTERNACK-PE9148 Datasheet
245Kb / 3P
   SMA Male to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
   SMC Plug to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
   SMC Plug to SMC Plug Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
   SSMB Plug to BNC Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com