Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6000-0NA3-22001 Datasheet(PDF) 6 Page - Emcore Corporation

Part # 6000-0NA3-22001
Description  1550 nm Externally Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0NA3-22001 Datasheet(HTML) 6 Page - Emcore Corporation

  6000-0NA3-22001 Datasheet HTML 1Page - Emcore Corporation 6000-0NA3-22001 Datasheet HTML 2Page - Emcore Corporation 6000-0NA3-22001 Datasheet HTML 3Page - Emcore Corporation 6000-0NA3-22001 Datasheet HTML 4Page - Emcore Corporation 6000-0NA3-22001 Datasheet HTML 5Page - Emcore Corporation 6000-0NA3-22001 Datasheet HTML 6Page - Emcore Corporation 6000-0NA3-22001 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Outline Drawing (Dimensions in inches)
Laser Safety Information
This product meets the applicable requirements of 21 CFR 1010 & 1040 and is classified as a class 1M
laser product. During use as intended, the laser energy is fully contained within the fiber network
such that there is no accessible laser radiation. This product has been issued accession number 0820466-001.
Medallion 6000 Series 1550 nm
Externally Modulated Transmitter


Similar Part No. - 6000-0NA3-22001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0NA3-11001 EMCORE-6000-0NA3-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0NA3-44001 EMCORE-6000-0NA3-44001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
More results

Similar Description - 6000-0NA3-22001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com