Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPCI-154-1203 Datasheet(PDF) 2 Page - SL Power Electronics

Part # DPCI-154-1203
Description  The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DPCI-154-1203 Datasheet(HTML) 2 Page - SL Power Electronics

  DPCI-154-1203 Datasheet HTML 1Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 2Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 3Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 4Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 5Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Condor D.C. Power Supplies, Inc. • 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
CompactPCI® SYSTEM POWER SUPPLIES
AC INPUT: 90-264 Vac continuous range, 47 to 63 Hz.
POWER FACTOR: 0.99 typical at full load. Meets EN61000-3-2.
INRUSH:
CPCI-154, 204 MODELS: Cold start ac current is less than 15 A at
115 Vac, and 30 A at 230 Vac. Limited by thermistor.
CPCI-354 MODELS: Cold start ac current is less than 30 A at
115 Vac, and 60 A at 230 Vac. Limited by thermistor.
BROWNOUT PROTECTION: Holds regulation to 85 Vac
(30 seconds maximum)
HOLDUP TIME: 16 ms minimum after removal of power at full load.
10 ms minimum for CPCI 200s.
EFFICIENCY: 70% typical.
DC INPUT: 36-72 Vdc
EFFICIENCY: 75% typical
FAIL# SIGNAL: TTL compatible signal. Signal goes low under
the following conditions: Any of 4 outputs fail; an overtemperature
shutdown; or an overvoltage shutdown.
SPECIFICATIONS
EMI: CONDUCTED RFI
Meets FCC Part 15, Subpart J, class B;
EN55022 class A; CISPR 22 class B.
All 150 W and 200 W models class A
FAIL# SIGNAL: TTL compatible signal. Signal goes low
under the following conditions:
CPCI-154 & CPCI-204 Models (all connector types):
Outputs #1 or #2 fail; an overcurrent condition on outputs
#1, #2, or #3; an overtemperature shutdown; an overvoltage
shutdown; or an ac input failure (5ms warning before outputs
shutdown).
CPCI-354 & CPCI-354T Models:
Any of 4 outputs fail; an overtemperature shutdown; an
overvoltage shutdown; or an ac input failure (5ms warning
before outputs shut down).
SPECIFICATIONS
DPCI SERIES 150 to 350 WATTS, QUAD OUTPUT, 48 VDC INPUT, HOT SWAP
CPCI SERIES 150 to 350 WATTS,AC INPUT WITH PFC, QUAD OUTPUT, HOT SWAP
48 VDC INPUT
AC INPUT
* For full output current capability on V2, V3, V4.
* For full output current capability on V2, V3, V4.
Min. Load Maximum Output
Model
Power
Output 1
Output 2
Output 3
Output 4
on V1*
From V1 & V2
CPCI-154-1203
150 W
5.0 V @ 25A
3.3 V @ 20 A
12 V @ 5.5 A
-12 V @ 0.5 A
2.5 A
25 A
CPCI-154-1203M
150 W
5.0 V @ 25 A
3.3 V @ 20 A
12 V @ 5.5 A
-12 V @ 0.5 A
2.5 A
25 A
CPCI-204-1203
200 W
5.0 V @ 25 A
3.3V @ 30 A
12 V @ 5.5 A
-12 V @ 0.5 A
3.0 A
35 A
CPCI-204-1203M
200 W
5.0 V @ 25 A
3.3 V @ 25 A
12 V @ 5.5 A
-12 V @ 0.5 A
2.5 A
35 A
CPCI-354-1203
350 W
5.0 V @ 50 A
3.3 V @ 40 A
12 V @ 12 A
-12 V @ 4 A
5.0 A
65 A
CPCI-354T-1203
350 W
5.0 V @ 50 A
3.3 V @ 40 A
12 V @ 12 A
-12 V @ 4 A
5.0 A
65 A
Min. Load Maximum Output
Model
Power
Output 1
Output 2
Output 3
Output 4
on V1*
From V1 & V2
DPCI-154-1203
150 W
5 V @ 25 A
3.3 V @ 20 A
12 V @ 5.5 A
-12 V @ 0.5 A
2.5 A
25 A
DPCI-154-1203M
150 W
5 V @ 25 A
3.3 V @ 20 A
12 V @ 5.5 A
-12 V @ 0.5 A
2.5 A
25 A
DPCI-204-1203
200 W
5 V @ 25 A
3.3 V @ 30 A
12 V @ 5.5 A
-12 V @ 0.5 A
3.0 A
35 A
DPCI-204-1203M
200 W
5 V @ 25 A
3.3 V @ 25 A
12 V @ 5.5 A
-12 V @ 0.5 A
2.5 A
35 A
DPCI-354-1203
350 W
5 V @ 50 A
3.3 V @ 40 A
12 V @ 12 A
-12 V @ 4 A
5.0 A
65 A
DPCI-354T-1203
350 W
5 V @ 50 A
3.3 V @ 40 A
12 V @ 12 A
-12 V @ 4 A
5.0 A
65 A


Similar Part No. - DPCI-154-1203

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DPCI-154-1203 SLPOWER-DPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-154-1203 SLPOWER-DPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-154-1203 SLPOWER-DPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-154-1203M SLPOWER-DPCI-154-1203M Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-154-1203M SLPOWER-DPCI-154-1203M Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - DPCI-154-1203

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CPCI-150_DD SLPOWER-CPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204_DD SLPOWER-DPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-350_DD SLPOWER-DPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-350_DD SLPOWER-CPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-204_DD SLPOWER-CPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
logo
Amphenol Corporation
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
logo
Power-One
PCU5 POWER-ONE-PCU5 Datasheet
40Kb / 2P
   Controllers are used in PPS5 and PPS7 Power Systems.
logo
SPANSION
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
   The MB9AB40NB Series are highly integrated
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
   The MB9A340NB Series are highly integrated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com