Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC86836 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SBC86836
Description  8 USB 2.0 ports
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SBC86836 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SBC86836 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
157
SATA
USB 1/2/7/8
PCI
COM 4/5/6
CF
LVDS
DDR2 DIMM
Audio
VGA/
COM 3 COM 1/2
K/B+M/S
Ethernet+USB 5/6
20-pin ATX power conn.
Ethernet+USB 3/4
SBC86836
Intel
® Atom™ N270 Mini ITX SBC with
Intel
® 945GSE + ICH7M Chipset, VGA/
LVDS, DualView, 6 COM and Dual LANs
Intel
® Atom™ processor N270 1.6 GHz onboard with FSB
533 MHz
Intel
® 945GSE + ICH7M chipset
Intel
® Gen 3.5 high performance integrated graphics controller
for VGA and LVDS
8 USB 2.0 ports
I/O
Ordering Information
Packing List
System
MIO
1 x PS/2 keyboard
1 x PS/2 mouse
3 x RS-232 (COM 2/3/4); with +5V/+12V powered
1 x RS-232/422/485 (COM 1); with +5V/+12V powered
SATA
2 x SATA-150
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports as 10/100/1000Mbps support Wake-on-LAN,
RPL/PXE Boot ROM with Realtek RTL8111B
Audio
AC'97 Codec audio as MIC-in/Line-out/Speaker-out
with Realtek ALC203
USB
8 x USB 2.0
SMBus
System Management Bus for advanced
monitoring/control interface
Digital I/O
8 channels (4-IN & 4-OUT)
Standard
SBC86836VGGA-N270
w/ 18-bit LVDS
Mini ITX SBC with Intel
® Atom™ processor N270, VGA,
18-bit LVDS LCD, 2 10/100/100Mbps Ethernet, audio and
PCI expansion
SBC86836VGGA-N270
w/ 24-bit LVDS
Mini ITX SBC with Intel
® Atom™ processor N270, VGA,
24-bit LVDS LCD, 2 10/100/100Mbps Ethernet, audio and
PCI expansion
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
593826A0000E
SATA signal cables 500mm
1
CPU
Intel
® Atom™ processor N270 1.6 GHz onboard with
FSB 533 MHz
System Memory
1 x 240-pin DIMM supports DDR2-400/533 max. up to 2 GB
Chipset
Intel
® 945GSE + ICH7M
BIOS
AMI
SSD
1 x CompactFlash™ type-II
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI for 32-bit PCI supports 2 bus masters
Battery
Lithium 3V/220 mAH
Power Requirements
Intel
® Atom™ N270 1.6 GHz, 1GB DDR2
Max. RMS: +5V_SBY @ 0.223A, +3.3V @ 0.767A,
+5V @ 1.644A, +12V @ 0.123A, -12V @ 0.084A
Size
170mm x 170 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
Side view
Fanless
Low Power
DualView
Display
Chipset
Intel
® GMA 950 graphics core
Memory Size
Intel
® DVMT 3.0 compliant
Display Interface
1 x VGA
1 x LVDS; 18-bit single channel
(SBC86836VGGA-N270 w/18-bit LVDS)
1 x LVDS; 18/24-bit single/dual channel
(SBC86836VGGA-N270 w/24-bit LVDS)


Similar Part No. - SBC86836

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SBC86831 AXIOMTEK-SBC86831 Datasheet
208Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
SBC86832 AXIOMTEK-SBC86832 Datasheet
202Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
SBC86832DGGAF AXIOMTEK-SBC86832DGGAF Datasheet
202Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
SBC86832DGGAF AXIOMTEK-SBC86832DGGAF Datasheet
249Kb / 1P
   DVI-I interface for both VGA and DVI external display devices
SBC86832 AXIOMTEK-SBC86832_14 Datasheet
249Kb / 1P
   DVI-I interface for both VGA and DVI external display devices
More results

Similar Description - SBC86836

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA800 AXIOMTEK-CAPA800 Datasheet
269Kb / 1P
   8 USB 2.0 ports
CEM860 AXIOMTEK-CEM860 Datasheet
222Kb / 1P
   8 USB 2.0 ports
CEM830 AXIOMTEK-CEM830 Datasheet
210Kb / 1P
   8 USB 2.0 ports
SBC86832 AXIOMTEK-SBC86832 Datasheet
202Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
SBC86831 AXIOMTEK-SBC86831 Datasheet
208Kb / 1P
   8 USB 2.0 ports and 2 IEEE 1394a ports
NANO100 AXIOMTEK-NANO100 Datasheet
304Kb / 1P
   6 USB 2.0 ports
SBC84826 AXIOMTEK-SBC84826 Datasheet
264Kb / 1P
   4 USB 2.0 ports
PICO831 AXIOMTEK-PICO831 Datasheet
342Kb / 1P
   4 USB 2.0 ports
EP850 AXIOMTEK-EP850 Datasheet
242Kb / 1P
   6 USB 2.0 ports
SHB101 AXIOMTEK-SHB101 Datasheet
134Kb / 1P
   10 USB 2.0 ports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com