Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6177 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6177
Description  50 Ohm 2 Watts Precision 2.92mm Male RF Load Up with Chain To 40 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6177 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6177 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6177 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6177 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
The information contained in this document is accurate to the best of our knowledge and representative of the part described
herein. It may be necessary to make modifications to the part and/or the documentation of the part, in order to implement improve-
ments. Pasternack reserves the right to make such changes as required. Unless otherwise stated, all specifications are nominal.
2
TECHNICAL DATA SHEET
© 2012 Pasternack Enterprises All Rights Reserved
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up with Chain
To 40 GHz
PE6177
Mechanical Specifications
Temperature Operating Range (deg C)
-50 to +125
Weight (Lbs)
0.013
Length (in)
0.594
Width/Dia. (in)
0.313
Height (in)
0.313
Dielectric Type
Plastic Bead
Body Material and Plating
Stainless Steel, Gold
Connector
2.92mm Male
Hex Size (inch)
5/16
Torque (In-Lbs)
8
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Stainless Steel, Gold
Coupling Nut Material and Plating
Stainless Steel, Gold
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Other Data
URL: http://www.pasternack.com/2-watts-2.92mm-male-rf-load-up-to-40-ghz-precision-pe6177-p.aspx
50 Ohm 2 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
PE6177 REV NC


Similar Part No. - PE6177

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6172 PASTERNACK-PE6172 Datasheet
424Kb / 4P
   2 Watt RF Load Up to 6 GHz
PE6173 PASTERNACK-PE6173 Datasheet
353Kb / 3P
   50 Ohm 1 Watt Precision 2.92mm Male RF Load Up To 40 GHz
PE6173 PASTERNACK-PE6173 Datasheet
446Kb / 4P
   1 Watt RF Load Up to 40 GHz
PE6173 PASTERNACK-PE6173_16 Datasheet
446Kb / 4P
   1 Watt RF Load Up to 40 GHz
PE6174 PASTERNACK-PE6174 Datasheet
368Kb / 3P
   50 Ohm 1 Watt Precision 2.92mm Male RF Load with Chain Up To 40 GHz
More results

Similar Description - PE6177

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6086 PASTERNACK-PE6086 Datasheet
350Kb / 3P
   50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz
PE6176 PASTERNACK-PE6176 Datasheet
360Kb / 3P
   50 Ohm 2 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6088 PASTERNACK-PE6088 Datasheet
354Kb / 3P
   50 Ohm 0.5 Watts Precision 2.92mm Female RF Load With Chain Up To 40 GHz
PE6174 PASTERNACK-PE6174 Datasheet
368Kb / 3P
   50 Ohm 1 Watt Precision 2.92mm Male RF Load with Chain Up To 40 GHz
PE6085 PASTERNACK-PE6085 Datasheet
245Kb / 3P
   50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6087 PASTERNACK-PE6087 Datasheet
370Kb / 3P
   50 Ohm 0.5 Watts Precision 2.92mm Female RF Load Up To 40 GHz
PE6075 PASTERNACK-PE6075 Datasheet
247Kb / 2P
   50 ohm 2 Watts precision Brass N Male RF Load With Chain Up To 18 GHz
PE6173 PASTERNACK-PE6173 Datasheet
353Kb / 3P
   50 Ohm 1 Watt Precision 2.92mm Male RF Load Up To 40 GHz
PE6179 PASTERNACK-PE6179 Datasheet
356Kb / 3P
   50 Ohm 1 Watt Precision 2.4mm Male RF Load with Chain Up To 50 GHz
PE6175 PASTERNACK-PE6175 Datasheet
357Kb / 3P
   50 Ohm 1 Watt Precision 2.92mm Female RF Load Up To 40 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com