Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP777 Datasheet(PDF) 10 Page - Analog Devices

Part # OP777
Description  Precision Micropower Single Supply Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP777 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP777 Datasheet HTML 4Page - Analog Devices OP777 Datasheet HTML 5Page - Analog Devices OP777 Datasheet HTML 6Page - Analog Devices OP777 Datasheet HTML 7Page - Analog Devices OP777 Datasheet HTML 8Page - Analog Devices OP777 Datasheet HTML 9Page - Analog Devices OP777 Datasheet HTML 10Page - Analog Devices OP777 Datasheet HTML 11Page - Analog Devices OP777 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
OP777
–10–
REV. 0
BASIC OPERATION
The OP777 amplifier uses a precision Bipolar PNP input stage
coupled with a high-voltage CMOS output stage. This enables
this amplifier to feature an input voltage range which includes the
negative supply voltage (often ground-in single-supply applications)
and also swing to within 1 mV of the output rails. Additionally, the
input voltage range extends to within 1 V of the positive supply rail.
The epitaxial PNP input structure provides high breakdown voltage,
high gain, and input bias current figure comparable to that obtained
with “Darlington” input stage amplifier but without the drawbacks
(i.e., severe penalties for input voltage range, offset, drift and noise).
PNP input structure also greatly lowers the noise and reduces the dc
input error terms.
Supply Voltage
The amplifiers are fully specified with a single 5 V supply and, due
to design and process innovations, can also operate with a supply
voltage from 2.7 V up to 30 V. This allows operation from most
split supplies used in current industry practice, with the advantage
of substantially increased input and output voltage ranges over
conventional split-supply amplifiers. The OP777 series is specified
with (VSY = 5 V, V– = 0 V and VCM = 2.5 V which is most suitable
for single supply application. With PSRR of 130 dB (0.3
µV/V) and
CMRR of 110 dB (3
µV/V) offset is minimally affected by power
supply or common-mode voltages. Dual supply,
±15 V operation
is also fully specified.
Input Common-Mode Voltage Range
The OP777 is rated with an input common-mode voltage which
extends from minus supply to 1 V of the Positive supply. However,
the amplifier can still operate with input voltages slightly below
VEE. In Figure 43, OP777 is configured as a difference amplifier
with a single supply of 2.7 V and negative dc common-mode volt-
ages applied at the inputs terminals. A 400 mV p-p input is then
applied to the noninverting input. It can be seen from the graph
below that the output does not show any distortion. Micropower
operation is maintained by using large input and feedback resistors.
TIME – 0.2ms/DIV
VIN
VOUT
0V
Figure 42. Input and Output Signals with VCM < 0 V
+3V
OP777
100k
100k
100k
100k
0.1V
VIN = 1kHz at 400mV p-p
0.27V
Figure 43. OP777 Configured as a Difference Amplifier
Operating at VCM < 0 V
Input Over Voltage Protection
When the input of an amplifier is more than a diode drop below
VEE, large currents will flow from the substrate (V– pin) to the
input pins which can destroy the device. In the case of OP777,
differential voltage equal to the supply voltage will not cause any
problem (see Figure 44). OP777 has built in 500
Ω internal current
limiting resistors, in series with the inputs, to minimize the chances
of damage. It is a good practice to keep the current flowing into the
inputs below 5 mA. In this context it should also be noted that the
high breakdown of the input transistors removes the necessity for
clamp diodes between the inputs of the amplifier; a feature that is
mandatory on many precision op amps. Unfortunately, such
clamp diodes greatly interfere with many application circuits such
as precision rectifiers and comparators. The OP777 series is free
from such limitations.
30V
V p-p = 32 V
OP777
Figure 44a. Unity Gain Follower
TIME – 400 s/DIV
VSY = 15V
VIN
VOUT
Figure 44b. Input Voltage Can Exceed the Supply Voltage
Without Damage


Similar Part No. - OP777

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP777AR AD-OP777AR Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP777AR AD-OP777AR Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP777ARM AD-OP777ARM Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP777ARM AD-OP777ARM Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP777ARMZ AD-OP777ARMZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
More results

Similar Description - OP777

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727 Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com