Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP97AZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP97AZ
Description  Low-Power, High-Precision Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97AZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP97AZ Datasheet HTML 2Page - Analog Devices OP97AZ Datasheet HTML 3Page - Analog Devices OP97AZ Datasheet HTML 4Page - Analog Devices OP97AZ Datasheet HTML 5Page - Analog Devices OP97AZ Datasheet HTML 6Page - Analog Devices OP97AZ Datasheet HTML 7Page - Analog Devices OP97AZ Datasheet HTML 8Page - Analog Devices OP97AZ Datasheet HTML 9Page - Analog Devices OP97AZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. D
OP97
–6–
FREQUENCY – Hz
80
–60
100
60
10M
1k
100k
40
10k
1M
–40
–20
0
20
PHASE
225
180
135
90
TA = +125 C
TA = –55 C
TA = –55 C
TA = +125 C
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
GAIN
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
TPC 19. Open-Loop Gain, Phase vs.
Frequency (COC = 0 pF)
FREQUENCY – Hz
80
–60
100
60
10M
1k
100k
40
10k
1M
–40
–20
0
20
PHASE
225
180
135
90
TA = +125 C
TA = –55 C
GAIN
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
TA = –55 C
TA = +125 C
TPC 22. Open-Loop Gain, Phase vs.
Frequency (COC = 100 pF)
FREQUENCY – Hz
80
–60
100
60
10M
1k
100k
40
10k
1M
–40
–20
0
20
PHASE
225
180
135
90
TA = –55 C
TA = +25 C
TA = +125 C
GAIN
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
TA = –55 C
TA = +125 C
TPC 25. Open-Loop Gain, Phase vs.
Frequency (COC = 1000 pF)
FREQUENCY – Hz
0.0001
10
10k
1k
100
TA = 25 C
VS = 15V
RL = 10k
1% THD
VOUT = 3V RMS
AVCL = 100
AVCL = 10
AVCL = 1
0.001
0.01
0.1
1
10
TPC 20. Total Harmonic Distortion
Plus Noise vs. Frequency
OVERCOMPENSATION CAPACITOR – pF
0.1
1
0.01
0.001
10
100
10000
1
Rl = 10k
VS = 15V
CL = 100pF
TA = +125 C
TA = –55 C
1000
TPC 23. Slew Rate vs. Over-
compensation
FREQUENCY – Hz
80
–60
100
60
10M
1k
100k
40
10k
1M
–40
–20
0
20
PHASE
225
180
135
90
TA = +125 C
TA = +25 C
TA = +125 C
GAIN
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
TA = +125 C
TA = –55 C
TPC 26. Open-Loop Gain, Phase vs.
Frequency (COC = 10,000 pF)
LOAD CAPACITANCE – pF
70
0
10
60
10000
1000
100
TA = 25 C
VS = 15V
AVCL = +1
VOUT = 100mV p-p
COC = 0pF
50
40
30
20
10
+EDGE
–EDGE
TPC 21. Small Signal Overshoot vs.
Capacitive Load
OVERCOMPENSATION CAPACITOR – pF
100
1
10
1
10
100
10000
1000
VS = 15V
CL = 20pF
RL = 1M
AV = 100
TA = +125 C
TA = –55 C
1000
TPC 24. Gain Bandwidth Product vs.
Overcompensation
FREQUENCY – Hz
0.001
10
100
1k
10k
TA = 25 C
VS = 15V
1
AVCL = 1000
100k
AVCL = 1
0.01
0.1
1
10
100
1000
TPC 27. Closed-Loop Output Resis-
tance vs. Frequency


Similar Part No. - OP97AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP97AZ AD-OP97AZ Datasheet
470Kb / 10P
   LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - OP97AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
   Low Power, High Precision Operational Amplifier
Rev. F
OP-97 AD-OP-97 Datasheet
470Kb / 10P
   LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
PM1012 AD-PM1012 Datasheet
75Kb / 4P
   Low Power Precision Operational Amplifier
REV. C
logo
Texas Instruments
OPA211 TI1-OPA211_15 Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
   Low-Power Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com