Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM831 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM831
Description  19 lanes for PCIe
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM831 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM831 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
67
CEM831
Intel
® Atom™ N270 COM Express™ Type
2 Module with Intel
® 945GME + ICH7M
Chipset
Intel
® Atom™ processor N270 1.6 GHz with FSB 533 MHz
Intel
® 945GME + ICH7M chipset
2 DDR2 SO-DIMM up to 4 GB
19 lanes for PCIe
8 USB 2.0 ports
I/O
Ordering Information
Packing List
System
MIO
1 x PATA-100 IDE
1 x LPC interface
SATA
2 x SATA-150 ports
Hardware Monitoring
N/A
Ethernet
1 port as 10/100/1000Mbps supports Auto MDI-X,
Wake-on-LAN, RPL/PXE Boot ROM with Intel 82583V
Audio
HD/AC'97 link interface to baseboard for external Codec
USB
8 x USB 2.0
SMBus
Yes
GPIO
4 channels IN & 4 channles OUT
Standard
CEM831VG-N270
(P/N: E38D831100)
(Fanless)
COM Express type 2 module with Intel
® Atom™ N270 CPU,
VGA, LVDS, and 10/100/1000Mbps Ethernet
Optional
CEB94000
ATX form factor baseboard
5078D831000E
CEM831 Heatspreader
5078D830100E
COM Express SoM cooling kit with fan
5078D830200E
COM Express SoM cooling kit without fan
Quick installation guide, user's manual/utility CD
CPU
Intel
® Atom™ processor N270 1.6 GHz onboard with
FSB 533 MHz
System Memory
2 x 200-pin SO-DIMM supports DDR2-533/667 max.
up to 4 GB
Chipset
Intel
® 945GME + ICH7M/ICH7M-DH
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCIe x16 graphics port supports for SDVO or PCIe x1
devices
3 x PCIe lanes support for 3 x PCIe x1 devices (ICH7M)
5 x PCIe lanes support for 5 x PCIe x1 or 1 x PCIe x4 +
1 x PCIe x1 devices (ICH7M-DH)
4 x 32-bit PCI bus masters
Battery
N/A
Power Requirements
Intel
® Atom™ N270 @1.6 GHz, 2GB DDR2
Max. RMS: +12V @ 1.171A
Size
125 x 95 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
Double Deck DDR2 SO-DIMM
Rear view
DualView
Low Power
Fanless
Display
Chipset
Intel
® GMA 950 graphics core
Memory Size
Intel
® DVMT 3.0 compliant
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel


Similar Part No. - CEM831

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM8311 CET-CEM8311 Datasheet
140Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM8311 CET-MOS-CEM8311 Datasheet
419Kb / 5P
   Dual P-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2006.Jan
More results

Similar Description - CEM831

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
SAS3616W BOARDCOM-SAS3616W Datasheet
356Kb / 3P
   16 PCIe lanes to 16-port SAS/SATA/PCIe IOC featuring Tri-Mode SerDes Technology
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
   19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
logo
Silicon Laboratories
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C_15 Datasheet
318Kb / 20P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21901C RENESAS-9ZX21901C Datasheet
513Kb / 21P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com