Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE35419-36 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35419-36
Description  SMA Male to TNC Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35419-36 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35419-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35419-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35419-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35419-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to TNC Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
Configuration
Connector 1
SMA Male
Connector 2
TNC Male
Cable Type
150 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,900
Typical Electrical Specifications
Frequency 1
Frequency, GHz
2
VSWR
1.11:1
Insertion Loss
0.21 dB/ft [ 0.69 dB/m ]
Frequency 2
Frequency, GHz
6
VSWR
1.15:1
Insertion Loss
0.32 dB/ft [ 1.05 dB/m ]
Frequency 3
Frequency, GHz
10
VSWR
1.23:1
Insertion Loss
0.42 dB/ft [ 1.38 dB/m ]
Frequency 4
Frequency, GHz
14
VSWR
1.33:1
Insertion Loss
0.53 dB/ft [ 1.74 dB/m ]
Frequency 5
Frequency, GHz
18
VSWR
1.38:1
Insertion Loss
0.64 dB/ft [ 2.1 dB/m ]
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male to TNC Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
PE35419-36
PE35419-36 REV
PE35419-36
SMA Male to TNC Male Precision Cable 36 Inch
Length Using 150 Series Coax, RoHS


Similar Part No. - PE35419-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35419-36 PASTERNACK-PE35419-36 Datasheet
233Kb / 4P
   SMA Male to TNC Male Precision Cable
More results

Similar Description - PE35419-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35423-36 PASTERNACK-PE35423-36 Datasheet
227Kb / 3P
   TNC Male to TNC Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
PE34286-36 PASTERNACK-PE34286-36 Datasheet
234Kb / 4P
   SMA Male to SMA Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
PE308-36 PASTERNACK-PE308-36 Datasheet
237Kb / 4P
   SMA Male to TNC Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE35419-6 PASTERNACK-PE35419-6 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 6 Inch Length Using 150 Series Coax, RoHS
PE35419-12 PASTERNACK-PE35419-12 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE35419-48 PASTERNACK-PE35419-48 Datasheet
227Kb / 4P
   SMA Male to TNC Male Precision Cable 48 Inch Length Using 150 Series Coax, RoHS
PE35419-18 PASTERNACK-PE35419-18 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 18 Inch Length Using 150 Series Coax, RoHS
PE35419-30 PASTERNACK-PE35419-30 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
PE35419-72 PASTERNACK-PE35419-72 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 72 Inch Length Using 150 Series Coax, RoHS
PE35419-24 PASTERNACK-PE35419-24 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 24 Inch Length Using 150 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com