Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC81203VGA Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SBC81203VGA
Description  ISA with up to 500mA high drive supported
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SBC81203VGA Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SBC81203VGA Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
191
SBC81203
LGA775 Intel
® Core™2 Duo PICMG 1.0
Full-size CPU Card with Intel
® 945G +
ICH7R Chipset, VGA, Audio and Dual LANs
LGA775 for Intel
® Core™2 Duo/ Pentium® D/ Pentium® 4/
Celeron
® processors with 533/800 MHz
Intel
® 945GC + ICH7/7R
2 DDR2 DIMM support up to 2 GB memory capacity
With Intel
® GMA 950 high performance integrated
graphics controller
ISA with up to 500mA high drive supported
Display
I/O
Ordering Information
Packing List
System
Chipset
Intel
® GMA 950 graphics Core
Memory Size
Intel
® DVMT 3.0 compliant
Display Interface
1 x VGA
MIO
1 x IDE; PATA-100
1 x FDD
1 x PS/2 keyboard
1 x PS/2 mouse
1 x LPT; with SPP/EPP/ECP supported
1 x RS-232 (COM 1)
1 x RS-232/422/485 (COM 2)
SATA
4 x SATA-300; with RAID 0/1/10/5
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports as 10/100/1000Mbps support Wake-on-LAN,
RPL/PXE Boot ROM with Intel
® 82573L
Audio
AC'97 Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC203
USB
6 x USB 2.0
SMBus
N/A
Standard
SBC81203VGGA
(P/N: E381203100)
LGA775 socket PICMG 1.0 full-size CPU card with VGA,
2 10/100/1000Mbps Ethernet and audio
SBC81203VGA
(P/N: E381203101)
LGA775 socket PICMG 1.0 full-size CPU card with VGA,
10/100/1000Mbps Ethernet and audio
Optional
E9C900B008
LGA775 slim cooler 3P H=25mm (for 1U Chassis)
E9C900B009
LGA775 cooler 3p H66.8mm (for 2U/4U/Shoebox)
E9C900B010
LGA775 Cooler 4p H61.4mm (for 2U/4U/Shoebox)
593836A0030E
SATA power cable 4-pin, L=150mm
5938A808010E
2 x USB cable with bracket, P=2.54mm, L=190mm
59380000450E
Audio cable with bracket, P=2.54mm
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59380502000E
COM + Print cable w/ bracket
1
59381400000E
FDD flat cable
1
59382601000E
Ultra DMA66 IDE cable 40-pin 455mm
1
593826A0000E
SATA signal cable 500mm
1
CPU
LGA775 socket for Intel
® Core™2 Duo/ Pentium® 4/
Pentium
®/ Celeron® D/ Celeron® processors with FSB
533/800/1066 MHz
System Memory
2 x 240-pin DIMM support DDR2-400/533/667 max.
up to 4 GB
Chipset
Intel
® 945G + ICH7R
BIOS
Phoenix-Award
SSD
1 x CompactFlash™ type-II socket (optional)
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
4 x 32-bit PCI bus masters
Battery
Lithium 3V/220 mAH
Power Requirements
Intel
® E6400 @2.133 GHz, 1GB DDR2
+5V_SBY @ 23.6mA, +5V @ 3.686A, +12V (System)
@ 25mA, -12V @ 26mA, +12V (CPU) @ 1.723A
Size
338 x 122 mm
BoardThickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
DDR2 DIMM
Internal K/B+M/S
AIPI Cable
SATA-300
LGA775
IDE
FDD
PRT
COM 1
COM 2
VGA
USB
Ethernet


Similar Part No. - SBC81203VGA

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SBC81203VGA AXIOMTEK-SBC81203VGA Datasheet
227Kb / 1P
   2 DDR2 DIMM support up to 2 GB memory capacity
More results

Similar Description - SBC81203VGA

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SBC81206 AXIOMTEK-SBC81206_14 Datasheet
135Kb / 2P
   ISA with up to 500mA high drive supported
SBC81206 AXIOMTEK-SBC81206 Datasheet
134Kb / 1P
   ISA with up to 500mA high drive supported
SBC81207 AXIOMTEK-SBC81207 Datasheet
203Kb / 1P
   ISA with up to 500mA high drive supported
SBC81205 AXIOMTEK-SBC81205 Datasheet
138Kb / 1P
   ISA high drive supported
ETM620 AXIOMTEK-ETM620 Datasheet
224Kb / 1P
   3 PCI Bus master, ISA Bus supported
ETM710 AXIOMTEK-ETM710 Datasheet
202Kb / 1P
   4 PCI Bus master, ISA Bus supported
ETM831 AXIOMTEK-ETM831 Datasheet
259Kb / 1P
   4 PCI Bus master, ISA Bus supported
logo
List of Unclassifed Man...
IPPC15A7-RE ETC2-IPPC15A7-RE Datasheet
245Kb / 1P
   DDR3-1066 memory supported, up to 4GB
logo
Analog Intergrations Co...
AIC1532 AIC-AIC1532 Datasheet
59Kb / 4P
   500mA DUAL REGULATOR WITH VAUX DRIVE
logo
Semtech Corporation
S15F SEMTECH-S15F Datasheet
121Kb / 3P
   RECTIFIER, up to 2.5kV, 500mA, 300ns
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com