Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE35420-60 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35420-60
Description  SMA Male to SMA Male Right Angle Precision Cable 60 Inch Length Using 165 Series Coax, RoHS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35420-60 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35420-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35420-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35420-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to SMA Male Right Angle Precision Cable 60 Inch Length Using 165 Series Coax, RoHS
Configuration
Connector 1
SMA Male
Connector 2
SMA Male Right Angle
Cable Type
165 Series
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,900
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Mechanical Specifications
Cable Assembly
Cable Type
165 Series
Temperature
Temperature Operating Range, deg C
-48 to +204
Size
Length, in [cm]
60 [152.4]
.
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Beryllium Copper, Silver
No of Shields
3
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.165 [4.19]
Connector 1
Type
SMA Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Right Angle Precision Cable 60 Inch Length Using 165 Series Coax,
RoHS PE35420-60
PE35420-60 REV
PE35420-60
SMA Male to SMA Male Right Angle Precision Cable
60 Inch Length Using 165 Series Coax, RoHS


Similar Part No. - PE35420-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35420-6 PASTERNACK-PE35420-6 Datasheet
111Kb / 1P
   25.5 GHZ FLEXIBLE CABLE ASSEMBLY PE-LL165P, SMA MALE TO SMA MALE RIGHT ANGEL
More results

Similar Description - PE35420-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3790-60 PASTERNACK-PE3790-60 Datasheet
238Kb / 3P
   SMA Male to SMA Male Precision Cable 60 Inch Length Using 165 Series Coax, RoHS
PE35420-24 PASTERNACK-PE35420-24 Datasheet
231Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 24 Inch Length Using 165 Series Coax, RoHS
PE35420-72 PASTERNACK-PE35420-72 Datasheet
231Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 72 Inch Length Using 165 Series Coax, RoHS
PE35420-12 PASTERNACK-PE35420-12 Datasheet
230Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
PE35420-18 PASTERNACK-PE35420-18 Datasheet
231Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 18 Inch Length Using 165 Series Coax, RoHS
PE35420-36 PASTERNACK-PE35420-36 Datasheet
230Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 36 Inch Length Using 165 Series Coax, RoHS
PE35420-48 PASTERNACK-PE35420-48 Datasheet
225Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 48 Inch Length Using 165 Series Coax, RoHS
PE35424-6 PASTERNACK-PE35424-6 Datasheet
232Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 6 Inch Length Using 165 Series Coax, RoHS
PE35424-48 PASTERNACK-PE35424-48 Datasheet
226Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 48 Inch Length Using 165 Series Coax, RoHS
PE35424-72 PASTERNACK-PE35424-72 Datasheet
232Kb / 3P
   SMA Male Right Angle to SMA Male Right Angle Precision Cable 72 Inch Length Using 165 Series Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com