Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA2117-1-2DC-SC-02 Datasheet(PDF) 1 Page - Emcore Corporation

Part # PONA2117-1-2DC-SC-02
Description  Erbium Doped Fiber Amplifier (EDFA)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA2117-1-2DC-SC-02 Datasheet(HTML) 1 Page - Emcore Corporation

  PONA2117-1-2DC-SC-02 Datasheet HTML 1Page - Emcore Corporation PONA2117-1-2DC-SC-02 Datasheet HTML 2Page - Emcore Corporation PONA2117-1-2DC-SC-02 Datasheet HTML 3Page - Emcore Corporation PONA2117-1-2DC-SC-02 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
High Performance Supertrunking Links
High Power Distribution Networks
Redundanct Ring Architectures
FTTx Networks.
Features
Full Functionality 1 RU EDFA
Low Noise Figure (Typ < 5.5 dB)
Total Input Power Range: -10 dBm to
+12 dBM
+14 dBm to +30 dBm Output Power
Optional Internal Optical Power Splitters
Standard RS-232 Communications
Standard SNMP Communication
(coming soon)
Key Lock Switch
Standard and Optional Gain Flatness
(1530 nm – 1562 nm)
VFD Panel Status Indicator
Low Electrical Power Consumption
Input/Output Isolation >40/40 dB
Polarization Dependant Gain < 0.1 dB
Polarization Mode Dispersion < 0.5 ps
PONA 2100 Series Erbium Doped Fiber Amplifier
The EMCORE PONA 2100 Series Erbium Doped Fiber Amplifier (EDFA) is an
ideal building block for OEM system integrators. The family of PONA 2100 series
EDFA’s is designed to meet the most demanding noise performance requirements
of CATV applications, and performs all the functions required of an optical
amplifier for system integration. PONA 2100 series EDFA’s provide optical
isolation on the input and output of the gain block for stable, low noise operation.
The input and output optical signal power levels are detected for monitoring and
control. The input optical signal is amplified with active gain control for a constant
output power level, or with active output power control for constant gain mode.
The PONA 2100 series EDFA’s also provide monitors and associated alarms for
all vital characteristics. The optical output of the PONA 2100 series EDFA’s can
be split into multiple ports by an optional external splitter.
General and Mechanical Specifications
Property
Requirement
Comments
Operating Wavelength
1532 ~ 1565 nm
1545 ~ 1565 nm
PONA 2114 – PONA2127
PONA 2130
Operating Case Temperature
-10
C to 55C
Standard
Storage Temperature
-40
C to 85C
Standard
Operating Humidity
20% to 85%
Non-condensing
Voltage Supply Range
100 VAC to 240 VAC 50/60 Hz
-36 to –60 V DC
Standard
Optional
Optical Connectors
SC/APC; SC/UPC; FC/APC;
FC/UPC; E2000/APC
User Specified
Dimensions in Inches
19.0”W x 14.76”D x 1.72”H
19” Rack Mounted, 1U
PONA 2100 Series


Similar Part No. - PONA2117-1-2DC-SC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA2117-1-2DC-SC-00 EMCORE-PONA2117-1-2DC-SC-00 Datasheet
481Kb / 4P
   Full Functionality 1 RU EDFA
More results

Similar Description - PONA2117-1-2DC-SC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com