Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLC40-3.3G Datasheet(PDF) 2 Page - SL Power Electronics

Part # GLC40-3.3G
Description  40 WATT GLOBAL PERFORMANCE LOW COST SWITCHERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC40-3.3G Datasheet(HTML) 2 Page - SL Power Electronics

  GLC40-3.3G Datasheet HTML 1Page - SL Power Electronics GLC40-3.3G Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Commercial
Model
Output No.
Output
Output Minimum
Output Maximum
V 1 OVP Set
Noise P-P
Total
Regulation
GLC40AG
1
+ 5.1 V
1 A
3 A
+ 6.2 ± 0.6 V
50 mV
2%
2
+ 12 V
0 A
2 A
120 mV
6%
3
- 12 V
0 A
0.4 A
120 mV
5%
GLC40BG
1
+ 5.1 V
1 A
3 A
+ 6.2 ± 0.6 V
50 mV
2%
2
+ 15 V
0 A
1.5 A
150 mv
6%
3
- 15 V
0 A
0.4 A
150 mV
5%
GLC40DG
1
+5 V
1 A
3 A
+ 6.2 ± 0.6 V
50 mV
2%
2
+24 V
0 A
1 A
240 mV
6%
3
-12 V
0 A
0.4 A
120 mV
5%
GLC40-3.3G
1
3.3 V
0 A
8 A
4.2 ± 0.6 V
33 mV
2%
GLC40-5G
1
5 V
0 A
8 A
6.2 ± 0.6 V
50 mV
2%
GLC40-9G
1
9 V
0 A
4.4 A
11 ±0.9 V
90 mV
2%
GLC40-12G
1
12 V
0 A
3.3 A
14 ± 1.1 V
120 mV
2%
GLC40-13.8G
1
13.8 V
0 A
2.9 A
17.7 +/- 1.5 V
138 mV
2%
GLC40-15G
1
15 V
0 A
2.7 A
18.5 ± 1.5 V
150 mV
2%
GLC40-24G
1
24 V
0 A
1.7 A
28.5 ± 2.5 V
240 mV
2%
GLC40-28G
1
28 V
0 A
1.4 A
34 ± 2.8 V
280 mV
2%
SL Power Electronics, Inc. 6050 King Drive, Bldg. A, Ventura, CA, 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 Email: info@slpower.com . Rev. 10/09.
Data Sheet © 2009 SL Power Electronics, Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
GLC40 MECHANICAL SPECIFICATIONS


Similar Part No. - GLC40-3.3G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLC47010 ETC2-GLC47010 Datasheet
135Kb / 12P
   SURFCOIL SMT INDUCTORS
More results

Similar Description - GLC40-3.3G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
GPC200 SLPOWER-GPC200 Datasheet
180Kb / 2P
   200 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com