Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR560 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SR560
Description  Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SR560 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  SR560 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SR560 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.     WWW.SDDZG.COM  TEL:0536-2210359


Similar Part No. - SR560

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR560 DGNJDZ-SR560 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR560 WTE-SR560 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR560 JINANJINGHENG-SR560 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Guangdong Juxing Electr...
SR560 JUXING-SR560 Datasheet
802Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR560 FORMOSA-SR560 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
More results

Similar Description - SR560

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SR540 GXELECTRONICS-SR540 Datasheet
373Kb / 2P
   Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR530 GXELECTRONICS-SR530 Datasheet
373Kb / 2P
   Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR550 GXELECTRONICS-SR550 Datasheet
373Kb / 2P
   Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR520 GXELECTRONICS-SR520 Datasheet
373Kb / 2P
   Reverse Voltage - 20 t 200 Volts Forward Current - 5.0 Amperes
logo
Shenzhen Luguang Electr...
MURS540 LUGUANG-MURS540 Datasheet
1Mb / 2P
   Reverse Voltage - 400 Volts Forward Current - 5.0 Amperes
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
logo
Gaomi Xinghe Electronic...
SR5200 GXELECTRONICS-SR5200 Datasheet
373Kb / 2P
   Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
First Silicon Co., Ltd
SM5150AF FS-SM5150AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
Gaomi Xinghe Electronic...
SRF1060 GXELECTRONICS-SRF1060 Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.Amperes
logo
First Silicon Co., Ltd
SB520 FS-SB520 Datasheet
321Kb / 2P
   Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com