Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9217 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9217
Description  Precision N Male to 7mm Sexless Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9217 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9217 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9217 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9217 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Connector 2
Type
7mm Sexless
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A380
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-7mm-sexless-straight-adapter-pe9217-p.aspx
Precision N Male to 7mm Sexless Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Precision N Male to 7mm Sexless Adapter
PE9217
PE9217 REV


Similar Part No. - PE9217

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
   Precision N Male to 7mm Sexless Adapter
More results

Similar Description - PE9217

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
   Precision N Male to 7mm Sexless Adapter
PE9221 PASTERNACK-PE9221 Datasheet
246Kb / 2P
   Precision 7mm Sexless to BNC Male Adapter
PE9326 PASTERNACK-PE9326 Datasheet
255Kb / 2P
   Precision 3.5mm Male to 7mm Sexless Adapter
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
   Precision SMA Male to 7mm Sexless Adapter
PE9509 PASTERNACK-PE9509 Datasheet
257Kb / 3P
   Precision 7/16 DIN Male to 7mm Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
   Precision SMA Female to 7mm Sexless Adapter
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
   Precision 7mm Sexless to BNC Female Adapter
PE9325 PASTERNACK-PE9325 Datasheet
254Kb / 3P
   Precision 3.5mm Female to 7mm Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
   Precision SMA Female to 7mm Sexless Adapter
PE9356 PASTERNACK-PE9356 Datasheet
251Kb / 3P
   Precision SSMA Female to 7mm Sexless Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com