Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9231 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9231
Description  50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9231 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9231 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9231 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2012 Pasternack Enterprises All Rights Reserved
PE9231 REV
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9231
CAD Drawing


Similar Part No. - PE9231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
   50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
   75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
   BNC MALE TO 75 OHM SMC JACK
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
   50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9235 PASTERNACK-PE9235 Datasheet
77Kb / 1P
   BNC FEMALE TO 75 OHM SMC JACK
More results

Similar Description - PE9231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
   75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9619 PASTERNACK-PE9619 Datasheet
251Kb / 2P
   75 Ohm Mini SMB Jack to BNC Female Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
   50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
logo
Huber+Suhner, Inc.
31_BNC-SMB-50-21--_U HUBERSUHNER-31_BNC-SMB-50-21--_U Datasheet
527Kb / 2P
   COAXIAL ADAPTER, BNC - SMB, 50 Ohm, jack / jack (female / female)
logo
Pasternack Enterprises,...
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
   50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
   50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
   75 Ohm SMB Jack to SMB Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com