Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE35956-12 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35956-12
Description  N Male to N Female Bulkhead Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35956-12 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35956-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35956-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35956-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Female Bulkhead Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
Configuration
Connector 1
N Male
Connector 2
N Female Bulkhead
Cable Type
165 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,900
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Mechanical Specifications
Cable Assembly
Cable Type
165 Series
Temperature
Temperature Operating Range, deg C
-50 to +205
Size
Length, in [mm]
12 [304.8]
.
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Beryllium Copper, Silver
No of Shields
3
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.165 [4.19]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Female Bulkhead Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
PE35956-12
PE35956-12 REV
PE35956-12
N Male to N Female Bulkhead Precision Cable
12 Inch Length Using 165 Series Coax, RoHS


Similar Part No. - PE35956-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35956-18 PASTERNACK-PE35956-18 Datasheet
231Kb / 3P
   N Male to N Female Bulkhead Precision Cable 18 Inch Length Using 165 Series Coax, RoHS
More results

Similar Description - PE35956-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35958-12 PASTERNACK-PE35958-12 Datasheet
229Kb / 3P
   SMA Male to N Female Bulkhead Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
PE35956-6 PASTERNACK-PE35956-6 Datasheet
231Kb / 3P
   N Male to N Female Bulkhead Precision Cable 6 Inch Length Using 165 Series Coax, RoHS
PE35956-72 PASTERNACK-PE35956-72 Datasheet
231Kb / 3P
   N Male to N Female Bulkhead Precision Cable 72 Inch Length Using 165 Series Coax, RoHS
PE35956-24 PASTERNACK-PE35956-24 Datasheet
231Kb / 3P
   N Male to N Female Bulkhead Precision Cable 24 Inch Length Using 165 Series Coax, RoHS
PE35956-60 PASTERNACK-PE35956-60 Datasheet
224Kb / 3P
   N Male to N Female Bulkhead Precision Cable 60 Inch Length Using 165 Series Coax, RoHS
PE35956-36 PASTERNACK-PE35956-36 Datasheet
231Kb / 3P
   N Male to N Female Bulkhead Precision Cable 36 Inch Length Using 165 Series Coax, RoHS
PE35956-18 PASTERNACK-PE35956-18 Datasheet
231Kb / 3P
   N Male to N Female Bulkhead Precision Cable 18 Inch Length Using 165 Series Coax, RoHS
PE35956-48 PASTERNACK-PE35956-48 Datasheet
224Kb / 3P
   N Male to N Female Bulkhead Precision Cable 48 Inch Length Using 165 Series Coax, RoHS
PE35956-30 PASTERNACK-PE35956-30 Datasheet
231Kb / 3P
   N Male to N Female Bulkhead Precision Cable 30 Inch Length Using 165 Series Coax, RoHS
PE35028-12 PASTERNACK-PE35028-12 Datasheet
232Kb / 4P
   N Male to N Male Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com