Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2026S Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2026S
Description  DUAL POWER DISTRIBUTION SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2026S Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2026S Datasheet HTML 1Page - Advanced Monolithic Systems AMS2026S Datasheet HTML 2Page - Advanced Monolithic Systems AMS2026S Datasheet HTML 3Page - Advanced Monolithic Systems AMS2026S Datasheet HTML 4Page - Advanced Monolithic Systems AMS2026S Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS2026
Monolithic
DUAL POWER DISTRIBUTION SWITCH
Systems
FEATURES
•• 110mΩ
Ω Typ. (5V Input) High Side MOSFET Switch
•• 100µµA Maximum On-State Supply Current
•• Short Circuit Protection
•• Available Active-High or Active-Low Enable
•• Overcurrent Protection
•• Available in Space Saving 8 lead SOIC and 8 lead PDIP
•• Thermal Protection
•• Enable Input Compatible With 3V and 5V Logic
APPLICATIONS
•• Controlled Rise and Fall Times Limit Current
•• USB Power Management
Surges and Minimize EMI
•• Hot Plug-In Power Supplies
•• Undervoltage Lock-Out Guarantees the Switch is
•• Battery-Charger Circuits
Off At Start-up
PRODUCT DESCRIPTION
The AMS2026 is a dual power distribution switch intended for applications where heavy capacitive loads and short-circuits
are likely to be encountered. The high-side switch is a 110m
Ω N-channel MOSFET. The switch is controlled by a logic
enable input compatible with 3V and 5V logic and is available in active-high or active-low enable. The internal charge pump,
designed to control the power switch rise and fall time to minimize current surges during switching, also provides the gate
drive. Requiring no external components the charge pump allows operation from supplies as low as 3.3V. When an overload
or a short circuit is encountered the AMS2026 limits the output current to a safe level by switching into a constant-current
mode and the overcurrent logic output error flag is set to a low. Continuous heavy overloads and short circuits will increase
the power dissipation in the switch; this will cause the junction temperature to rise. The thermal protection circuit shuts the
power switch off to prevent damage. Once the device has cooled sufficiently, it will turn on automatic. An under voltage
lock-out is provided to insure that the power switch is in the Off state at start-up.
The AMS2026 is offered in the 8 lead SOIC package and the 8 lead PDIP package.
ORDERING INFORMATION
PIN CONNECTIONS
PACKAGE TYPE
OPER. TEMP
8 LEAD SOIC
8 LEAD PDIP
RANGE
AMS2026S
AMS2026P
-40
°C to 85°C
8 LEAD SOIC/ 8 LEAD PDIP
1
2
8
4
3
7
5
6
GROUND
OUTPUT
INPUT
ENABLE
ERROR
OUTPUT
ENABLE
ERROR
Top View


Similar Part No. - AMS2026S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2026S ADMOS-AMS2026S Datasheet
53Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
More results

Similar Description - AMS2026S

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
   Dual Power Distribution Switch
G554 GMT-G554 Datasheet
42Kb / 1P
   Dual Power Distribution Switch
G556 GMT-G556 Datasheet
73Kb / 1P
   Dual Power Distribution Switch
G546 GMT-G546 Datasheet
81Kb / 1P
   Dual Power Distribution Switch
G526 GMT-G526 Datasheet
74Kb / 1P
   Dual Power Distribution Switch
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026_05 Datasheet
53Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
   Dual-Channel Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
   Dual-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
   Dual-Channel Power Distribution Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com