Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9382 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9382
Description  Bulkhead Isolated Ground N Female to N Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9382 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9382 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9382 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9382 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2012 Pasternack Enterprises All Rights Reserved
PE9382 REV
Bulkhead Isolated Ground N Female to N Female Adapter
PE9382
CAD Drawing


Similar Part No. - PE9382

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
   SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
   SMA Male to SMA Female 45 Degree Right Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
   Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
   SMA Male to TNC Female 4 Hole Flange Adapter
PE9385 PASTERNACK-PE9385 Datasheet
240Kb / 2P
   N Female to UHF Female Adapter
More results

Similar Description - PE9382

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9417 PASTERNACK-PE9417 Datasheet
252Kb / 2P
   Isolated Ground 75 Ohm N Female to N Female Bulkhead Adapter
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
   Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9287 PASTERNACK-PE9287 Datasheet
239Kb / 2P
   Bulkhead Isolated Ground TNC Female to TNC Female Adapter
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
   Precision Bulkhead N Female to N Female Adapter
logo
Pomona Electronics
3846 POMONA-3846 Datasheet
27Kb / 1P
   Adapter, Isolated Ground BNC Female To Female
logo
Pasternack Enterprises,...
PE9625 PASTERNACK-PE9625 Datasheet
247Kb / 2P
   Isolated Ground 75 Ohm TNC Female to TNC Female Bulkhead Adapter
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
   Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
   N Female to BNC Female Bulkhead Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
   Bulkhead SMA Female to N Female Adapter
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
   N Female to TNC Female Bulkhead Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com