Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9383 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9383
Description  Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9383 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9383 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9383 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
Configuration
Connector 1
N Female
Connector Specification 1
MIL-STD-348
Connector 2
N Female
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
2.375 [60.33]
Width/Dia., in [mm]
0.875 [22.23]
.
Dielectric Type
PTFE
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Connector 2
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-n-female-straight-adapter-pe9383-p.aspx
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Hermetically Sealed N Female to N Female
Bulkhead Adapter For 1 inch Max. Panel
PE9383
PE9383 REV


Similar Part No. - PE9383

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
   SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
   SMA Male to SMA Female 45 Degree Right Adapter
PE9382 PASTERNACK-PE9382 Datasheet
269Kb / 3P
   Bulkhead Isolated Ground N Female to N Female Adapter
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
   SMA Male to TNC Female 4 Hole Flange Adapter
PE9385 PASTERNACK-PE9385 Datasheet
240Kb / 2P
   N Female to UHF Female Adapter
More results

Similar Description - PE9383

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9420 PASTERNACK-PE9420 Datasheet
246Kb / 2P
   Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel
PE9128 PASTERNACK-PE9128 Datasheet
474Kb / 3P
   Hermetically Sealed N Female to N Female Bulkhead Adapter
PE9416 PASTERNACK-PE9416 Datasheet
263Kb / 3P
   Bulkhead Hermetically Sealed 75 Ohm N Female to N Female Adapter
PE9268 PASTERNACK-PE9268 Datasheet
239Kb / 2P
   Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
PE9184 PASTERNACK-PE9184 Datasheet
248Kb / 2P
   Hermetically Sealed SMA Female to SMA Female Bulkhead Adapter
PE9093 PASTERNACK-PE9093 Datasheet
256Kb / 3P
   Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
   Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
   Precision Bulkhead N Female to N Female Adapter
PE9624 PASTERNACK-PE9624 Datasheet
349Kb / 3P
   Bulkhead Hermetically Sealed 75 Ohm TNC Female to TNC Female Adapter
PE9154 PASTERNACK-PE9154 Datasheet
357Kb / 3P
   Hermetically Sealed TNC Female to TNC Female Bulkhead Adapter IP67 Rated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com