Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD8C60SR Datasheet(PDF) 4 Page - Apollo Electron Co., Ltd.

Part # CD8C60SR
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

CD8C60SR Datasheet(HTML) 4 Page - Apollo Electron Co., Ltd.

  CD8C60SR Datasheet HTML 1Page - Apollo Electron Co., Ltd. CD8C60SR Datasheet HTML 2Page - Apollo Electron Co., Ltd. CD8C60SR Datasheet HTML 3Page - Apollo Electron Co., Ltd. CD8C60SR Datasheet HTML 4Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
CD8C60SR
TO-252 Package Dimension
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.3
2.40
0.087
0.0905
0.094
B
1.30
1.4
1.50
0.051
0.055
0.059
b
0.55
0.6
0.65
0.022
0.024
0.026
b1
0.46
0.51
0.56
0.018
0.02
0.022
C
0.46
0.51
0.56
0.018
0.02
0.022
D
6.40
6.5
6.60
0.252
0.256
0.260
D1
5.20
5.3
5.40
0.205
0.2085
0.212
E
5.40
2.285
5.60
0.212
0.09
0.220
e1
2.25
2.3
2.35
0.089
0.091
0.093
e2
4.50
4.6
4.70
0.177
0.181
0.185
L1
9.25
9.5
9.75
0.346
0.365
0.384
L2
0.95
1.2
1.45
0.037
0.047
0.057
Milimeters
Inches
Symbol


Similar Part No. - CD8C60SR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CD80 COOPER-CD80 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Jianghai Europe GmbH
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD804ZM JIANGHAI-CD804ZM Datasheet
644Kb / 8P
   4000h at 105째C
logo
Continental Device Indi...
CD8050B CDIL-CD8050B Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
CD8050C CDIL-CD8050C Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
More results

Similar Description - CD8C60SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com