Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9351 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9351
Description  SSMA Male to N Male Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9351 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9351 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9351 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2012 Pasternack Enterprises All Rights Reserved
PE9351 REV
SSMA Male to N Male Adapter
PE9351
CAD Drawing


Similar Part No. - PE9351

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
   50 Ohm N Female to 75 Ohm N Male Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
   SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
   SSMA Male to N Female Adapter
logo
Peregrine Semiconductor...
PE9354 PEREGRINE-PE9354 Datasheet
188Kb / 7P
   SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
logo
Pasternack Enterprises,...
PE9354 PASTERNACK-PE9354 Datasheet
250Kb / 2P
   SSMA Female to N Female Adapter
More results

Similar Description - PE9351

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9357 PASTERNACK-PE9357 Datasheet
254Kb / 3P
   SSMA Male to SSMA Male Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
   SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
   SSMA Male to N Female Adapter
PE9358 PASTERNACK-PE9358 Datasheet
240Kb / 3P
   SSMA Male to SSMA Female Adapter
PE9187 PASTERNACK-PE9187 Datasheet
244Kb / 2P
   SMA Male to SSMA Male Adapter
PE9187 PASTERNACK-PE9187 Datasheet
244Kb / 2P
   SMA Male to SSMA Male Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
   QD SSMA Male to SSMA Female Adapter
PE9767 PASTERNACK-PE9767 Datasheet
255Kb / 3P
   Precision 2.92mm Male to SSMA Male Adapter
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
   SSMA Male to SSMA Female Right Angle Adapter
PE9355 PASTERNACK-PE9355 Datasheet
109Kb / 1P
   SSMA MALE TO 7mm, PRECISION ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com