Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9365 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9365
Description  75 Ohm BNC Tee Adapter Female-Male-Female
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9365 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9365 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9365 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Tee Adapter Female-Male-Female
Configuration
Connector 1
BNC Female
Impedance 1
75 Ohms
Connector 2
BNC Male
Impedance 2
75 Ohms
Connector 3
BNC Female
Adapter Design
Standard
Body Style
Tee
Mechanical Specifications
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
1.11 [28.19]
.
Connector 1
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 3
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-female-male-female-tee-adapter-pe9365-p.aspx
75 Ohm BNC Tee Adapter Female-Male-Female from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
75 Ohm BNC Tee Adapter Female-Male-Female
PE9365
PE9365 REV


Similar Part No. - PE9365

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
   N Female to HN Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
   75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
   75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
   Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
   75 Ohm BNC Male to BNC Male Adapter
More results

Similar Description - PE9365

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
   BNC Tee Adapter Male-Female-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
   BNC Tee Adapter Male-Female-Female
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
   BNC Tee Adapter Female-Male-Female
PE91106 PASTERNACK-PE91106 Datasheet
434Kb / 4P
   BNC Triax Tee Adapter Male-Female-Female
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
   75 Ohm BNC Female to BNC Female Adapter
PE9003 PASTERNACK-PE9003 Datasheet
244Kb / 3P
   BNC Tee Adapter Female-Female-Female
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
   75 Ohm N Female to BNC Male Adapter
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
   75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
   75 Ohm TNC Male to BNC Female Adapter
PE9369 PASTERNACK-PE9369 Datasheet
255Kb / 3P
   75 Ohm N Male to BNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com