Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9366 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9366
Description  Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9366 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9366 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9366 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9366 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Isolation Ground Material is ABS
URL: http://www.pasternack.com/bnc-female-bnc-female-straight-adapter-pe9366-p.aspx
Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Bulkhead Isolated Ground 75 Ohm BNC
Female to BNC Female Adapter
PE9366
PE9366 REV


Similar Part No. - PE9366

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
   N Female to HN Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
   75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
   75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
   Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
   75 Ohm BNC Male to BNC Male Adapter
More results

Similar Description - PE9366

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
   Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
   Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
   75 Ohm BNC Female to BNC Female Adapter
PE91105 PASTERNACK-PE91105 Datasheet
434Kb / 4P
   Bulkhead Mount Isolated Ground BNC Triax Female to BNC Triax Female Adapter
logo
Pomona Electronics
3846 POMONA-3846 Datasheet
27Kb / 1P
   Adapter, Isolated Ground BNC Female To Female
logo
Pasternack Enterprises,...
PE91324 PASTERNACK-PE91324 Datasheet
333Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Female Bulkhead Adapter
PE9417 PASTERNACK-PE9417 Datasheet
252Kb / 2P
   Isolated Ground 75 Ohm N Female to N Female Bulkhead Adapter
PE9625 PASTERNACK-PE9625 Datasheet
247Kb / 2P
   Isolated Ground 75 Ohm TNC Female to TNC Female Bulkhead Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
   75 Ohm N Female to BNC Female Adapter
logo
Pomona Electronics
3778 POMONA-3778 Datasheet
30Kb / 1P
   BNC (Female) Isolated Ground Bulkhead Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com