Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

046232116103800 Datasheet(PDF) 2 Page - AVX Corporation

Part # 046232116103800
Description  1.0mm Pitch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

046232116103800 Datasheet(HTML) 2 Page - AVX Corporation

  046232116103800 Datasheet HTML 1Page - AVX Corporation 046232116103800 Datasheet HTML 2Page - AVX Corporation 046232116103800 Datasheet HTML 3Page - AVX Corporation 046232116103800 Datasheet HTML 4Page - AVX Corporation 046232116103800 Datasheet HTML 5Page - AVX Corporation 046232116103800 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SERIES
6232 エンボス梱包品
Tape and Reel Package
注文コード ORDERING CODE
04 6232 1XX 10X 800+
極数
NUMBER
OF
POSITIONS
バリエーション VARIATION CODE
2:下接点タイプ
ボス無 BOTTOM CONTACT TYPE WITHOUT BOSS
3:上接点タイプ
ボス無 TOP CONTACT TYPE WITHOUT BOSS
スズ銅めっき
Sn-Cu Plated
梱包数量
1000個 /リール
PACKING QUANTITY:1000 /Reel
トレー梱包品:00 6232 1XX 10X 800+
TRAY PACKAGE:00 6232 1XX 10X 800+
RoHS 対応品
RoHS Compliant Product
+
+
+
+
+
+
+
+
+
1.0mm Pitch
生産対応可能極数については、営業部に
ご確認願います。
Feel free to contact our sales department
for available numbers of positions.
+


Similar Part No. - 046232116103800

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
046232116015800 AVX-046232116015800 Datasheet
509Kb / 6P
   1.0mm Pitch
More results

Similar Description - 046232116103800

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
046232104015800 AVX-046232104015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232106015800 AVX-046232106015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232112015800 AVX-046232112015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232110015800 AVX-046232110015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232114103800 AVX-046232114103800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232103015800 AVX-046232103015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232103103800 AVX-046232103103800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232106103800 AVX-046232106103800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232110103800 AVX-046232110103800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232112103800 AVX-046232112103800 Datasheet
509Kb / 6P
   1.0mm Pitch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com