Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS-532 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # APS-532
Description  Power Supplies - Open Frame
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

APS-532 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  APS-532 Datasheet HTML 1Page - Axiomtek Co., Ltd. APS-532 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
373
APS-530
APS-536
APS-534
Power Supplies - Open Frame
Model Name
P/N: 50966911000E
APS-530 Open Frame
AC 70W
Input Range
90 ~ 260VAC Full Range
Output Voltage
+5V
+12V
-12V
10A
0A min
1.5A
0A min
0.3A
0A min
MTBF (hours)
50,000h
Safety
Meets UL1950, CSA C22.2 NO.234,CE
Dimensions
127 x 76.2 x 29 mm
Compatible with
Axiomtek Products
EM1610/EM1611/EM60321/EM60321C/eBOX745-EFL/eBOX746-EFL
Model Name
P/N: 50969911000E
APS-536 Open Frame DC
72W
Input Range
36 ~ 72VDC
Output Voltage
+5V
+12V
-12V
10A 0A min
1.5A 0A min
0.3A 0A min
MTBF (hours)
50,000h
Safety
Meets UL1950, CSA C22.2 NO.234,CE
Dimensions
127 x 76.2 x 29 mm
Compatible with
Axiomtek Products
EM1610/EM1611/EM60321C/eBOX745-EFL/eBOX746-EFL
Model Name
P/N: 50967911000E
APS-534Open Frame DC
72W
Input Range
18 ~ 36VDC
Output Voltage
+5V
+12V
-12V
10A 0A min
1.5A 0A min
0.3A 0A min
MTBF (hours)
50,000h
Safety
Meets UL1950, CSA C22.2 NO.234,CE
Dimensions
127 x 76.2 x 29 mm
Compatible with
Axiomtek Products
EM1610/EM1611/EM60321/EM60321C/eBOX745-EFL/eBOX746-EFL


Similar Part No. - APS-532

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530_17 Datasheet
159Kb / 1P
   Power Supplies - Open Frame
More results

Similar Description - APS-532

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530_17 Datasheet
159Kb / 1P
   Power Supplies - Open Frame
logo
SL Power Electronics
FLU40 SLPOWER-FLU40 Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU1-50 SLPOWER-FLU1-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU50-60 SLPOWER-FLU50-60 Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLUX-50 SLPOWER-FLUX-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
   AC/DC Open Frame Power Supplies
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
   AC/DC Open Frame Power Supplies
logo
PowerVolt Inc.
BVU POWERVOLT-BVU Datasheet
693Kb / 2P
   Unregulated Open Frame DC Power Supplies
logo
Wall Industries,Inc.
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com