Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNT400 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GNT400
Description  Universal Input Medical & ITE Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GNT400 Datasheet(HTML) 1 Page - SL Power Electronics

  GNT400 Datasheet HTML 1Page - SL Power Electronics GNT400 Datasheet HTML 2Page - SL Power Electronics GNT400 Datasheet HTML 3Page - SL Power Electronics GNT400 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
______________________________________________________________________________________________________________________________
1 of 4
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
AC Input
100-240VAC, 50/60 Hz, 1∅. 90-270VAC, 45-65 Hz max
Turn On Time
500 ms max
Input Current
120VAC: 4.2A. 230VAC: 2.1A
Hold-up Time
20 ms at 400W
Inrush Current
Active Circuit, 37A max. peak
Over/Undershoot
3.5% max
Input Fuses
F1 and F2, 6.3A/250V for line and neutral
Overload Protection
Cycling type, 470W typical
Power Factor
0.99 typical, 0.96 minimum
Overvoltage Protection
See chart
Earth Leakage Current
100µA at 120VAC, 60 Hz Normal
400µA at 264VAC, 50 Hz, SFC
Ripple and Noise
1% pk-pk max., 20MHz BW
0.1µF and 10 µF caps on probe
Output Power
400W continuous with 200lfm airflow
See chart for convection ratings
ITE Safety Standards
CSA/EN/IEC/UL 60950-1
Peak Output Power
450W for 1 minute, 10% duty cycle
Medical Safety Standards
EN/IEC/UL 60601-1, CSA22.2 No. 601-1
Output Voltage
See chart
Thermal Considerations
Keeping the following components below
these temp. indicates sufficient cooling: T5: 90°C max., T1: 100°C max
Voltage Adjustability
±5% minimum
Switching Frequency
Output: 170kHz ±8kHz, PFC: 140kHz ±8kHz
Minimum Load
Not required
MTBF
300K hours per Telcordia
Total Regulation
See chart
Overtemperature Protection
Automatic
Transient Response
500µs to 1%, 50% load step, i/ t < 0.2A/µs
Maximum voltage deviation is 3.5%
Efficiency
91% typical at 230VAC
88% typical at 120VAC
Remote Sense
Compensates for up to 500mV voltage drop
Temperature Coefficient
0.03% per °C typical on all units
Model Number Key
X
Output Connections: "B" = Busbars, "T" = Phoenix P/N 1731721
X
Cover Options: Blank = Standard Mini Cover, "E" = Cover w ith fan on the end, "T" = Cover w ith fan on top
GNT
RoHS Com pliant
Product Fam ily
4
Output Pow er (Watts): "4" = 400W
XX
Output Voltage: (See m odels chart below )
X
Input Connections: "A" = EBY P/N 5002-03-N-12, "B" = Phoenix P/N 1732034, "C" = AMP P/N 540445-5 (pins 2 & 4
G
GNT400
Front End Series 400W AC/DC
Universal Input Medical & ITE Power Supply
2 Year Warranty
•Medical (EN60601-1) and ITE (EN60950) Certifications
•Compact 4” x 7” x 1.5” U Channel (1U compatible)
•9.5 W/in³
•100-240 VAC Input with Active PFC
•12 to 48 V DC Output at 400W (300W convection rating)
•5 Vdc, 100 mA Standby Output
•12 Vdc Fan Output
•Approved to UL, CSA, and EN/IEC Standards
•Less than 100µA leakage
•Compliance to EN55011/22 Conducted Noise, Class B
•RoHS Compliant – Category 6
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - GNT400

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GNT200 SLPOWER-GNT200 Datasheet
463Kb / 3P
   Universal Input Power Supply
GNT212G SLPOWER-GNT212G Datasheet
463Kb / 3P
   Universal Input Power Supply
GNT215G SLPOWER-GNT215G Datasheet
463Kb / 3P
   Universal Input Power Supply
GNT218G SLPOWER-GNT218G Datasheet
463Kb / 3P
   Universal Input Power Supply
GNT224G SLPOWER-GNT224G Datasheet
463Kb / 3P
   Universal Input Power Supply
More results

Similar Description - GNT400

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1045 SLPOWER-MINT1045_15 Datasheet
520Kb / 3P
   Medical & ITE ??Universal Input Power Supply
MINT2270 SLPOWER-MINT2270 Datasheet
411Kb / 3P
   Medical ??Universal Input Power Supply
logo
HITRON ELECTRONICS CORP...
HICM50G HITRON-HICM50G Datasheet
142Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL & ITE APPLICATION
HEMG10 HITRON-HEMG10 Datasheet
355Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL & ITE APPLICATION
HEMG24 HITRON-HEMG24 Datasheet
103Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL & ITE APPLICATION
HEMG49 HITRON-HEMG49 Datasheet
82Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL & ITE APPLICATION
logo
SL Power Electronics
MENT1150A SLPOWER-MENT1150A Datasheet
259Kb / 2P
   Medical / ITE Switch-Mode Power Supply
logo
Arch Electronics Corp.
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com