Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNT248G Datasheet(PDF) 3 Page - SL Power Electronics

Part # GNT248G
Description  Universal Input Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GNT248G Datasheet(HTML) 3 Page - SL Power Electronics

  GNT248G Datasheet HTML 1Page - SL Power Electronics GNT248G Datasheet HTML 2Page - SL Power Electronics GNT248G Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
______________________________________________________________________________________________________________________________ 3 of 3
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
CONNE CTOR INFORM ATION
J1:
A C INPUT - A MP# 640445-3
P IN 1:
A C LINE
P IN 2:
A C NEUT RAL
J2:
DC OUTP UT - AM P# 64044 5-6
P IN 1:
+V out
P IN 2:
+V out
P IN 3:
+V out
P IN 4:
COMMON
P IN 5:
COMMON
P IN 6:
COMMON
J3:
FAN OUT PUT - AM P# 6404 56-2
P IN 1:
+12Vdc @ 0.25A
P IN 2:
FAN RTN (COMMO N)
J4:
S IGN ALS - MOLE X 22-05-7085
P IN 1:
P S OFF
P IN 2:
INHI BIT
P IN 3:
P W R O K
P IN 4:
DC OK
P IN 5:
S IGN AL RTN (COMMON)
P IN 6:
+5Vdc @ 0.1A
P IN 7:
-SE NSE
P IN 8:
+SE NSE
MATING CO NNE CTORS :
J1:
MOLE X 09-50-3031, PI NS: 08-52-0112
J2:
MOLE X 09-50-3061, PI NS: 08-52-0112
J3:
A MP 1375 820-2, PINS : 1375813 -3
J4:
MOLE X 50-37-5083, PI NS: 08-70-1040
Data Sheet © 2011 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 2-17-2011
SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
1 6 0
1 8 0
2 0 0
1 0 0
1 1 0
1 2 0
1 3 0
1 4 0
1 5 0
1 6 0
1 7 0
1 8 0
1 9 0
2 0 0
2 1 0
2 2 0
2 3 0
2 4 0
In p u t V o lts AC
5 0 ° C w / 2 0 0 lfm a irflo w
2 5 ° C c o n v e c tio n
5 0 ° C c o n v e c tio n
4 0 ° C c o n v e c tio n
GNT200
Front End Series 200W AC/DC
Universal Input Power Supply
2 Year Warranty
Mounting Options
GNT200
WEIGHT: 0.68 Lbs. (350g)
Q1
T4
GNT200 Output Power vs. Line Voltage & Temperature


Similar Part No. - GNT248G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GNT30 SLPOWER-GNT30 Datasheet
377Kb / 2P
   Low Power Medical Power Supplies 30 Watt AC/DC Universal Input Power Supply
GNT30-12 SLPOWER-GNT30-12 Datasheet
377Kb / 2P
   Low Power Medical Power Supplies 30 Watt AC/DC Universal Input Power Supply
GNT30-15 SLPOWER-GNT30-15 Datasheet
377Kb / 2P
   Low Power Medical Power Supplies 30 Watt AC/DC Universal Input Power Supply
GNT30-24 SLPOWER-GNT30-24 Datasheet
377Kb / 2P
   Low Power Medical Power Supplies 30 Watt AC/DC Universal Input Power Supply
GNT30-28 SLPOWER-GNT30-28 Datasheet
377Kb / 2P
   Low Power Medical Power Supplies 30 Watt AC/DC Universal Input Power Supply
More results

Similar Description - GNT248G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1400 SLPOWER-MINT1400 Datasheet
400Kb / 3P
   Universal Input Power Supply
MINT1110 SLPOWER-MINT1110 Datasheet
489Kb / 3P
   Universal Input Power Supply
MINT2270 SLPOWER-MINT2270 Datasheet
411Kb / 3P
   Medical ??Universal Input Power Supply
GNT400 SLPOWER-GNT400 Datasheet
882Kb / 4P
   Universal Input Medical & ITE Power Supply
MINT1045 SLPOWER-MINT1045_15 Datasheet
520Kb / 3P
   Medical & ITE ??Universal Input Power Supply
logo
ETA-USA
AOBN-50 ETA-USA-AOBN-50 Datasheet
1Mb / 4P
   50W Power Supply Universal Input PCB Mounted
2019
logo
Vishay Siliconix
AN708 VISHAY-AN708 Datasheet
105Kb / 7P
   Low-Power Universal-Input Power Supply Achieves High Efficiency
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
   40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
   150 Watt AC/DC Power Supply Universal Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com