Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-280 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-280
Description  Intel짰 Core??i7/i5/i3/Pentium짰 LGA1156 Mini-ITX with CRT/DVI, 2 COM, Dual LAN, PCIe x16
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-280 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-280_12 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-280_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
ƒ Supports Intel® Core™ i7/i5/i3/Pentium® processor with Q57 chipset
ƒ One DIMM socket supports up to 4 GB DDR3 800/1066/1333 MHz SDRAM
ƒ Supports dual display, CRT and DVI, and dual GbE LAN
ƒ Supports 2 COM, 8 USB, and 4 SATA ports
ƒ Supports SUSIAccess and Embedded Software APIs
AIMB-280 Intel®Core™i7/i5/i3/Pentium®LGA1156Mini-ITX
with CRT/DVI, 2 COM, Dual LAN, PCIe x16
Specifications
Processor System
CPU
Core i7
Core i5 700
Core i5 600
Core i3
Pentium
Max. Speed
4
4
2
2
2
Max.speed
2.93 GHz
2.66 GHz
3.3 GHz
3.06 GHz
2.8 GHz
Integrated Graphics
No
No
Yes
Yes
Yes
L3 Cache
8 MB
8 MB
4 MB
4 MB
3 MB
Chipset
Q57
BIOS
AMI 64 Mbit SPI
Expansion Slot
PCI
-
Mini-PCI
-
PCIe x16 (Gen2)
8 GB/s per direction, 1 slot
Memory
Technology
DDR3 800/1066/1333 MHz SDRAM
Max. Capacity
4 GB
Socket
1 x 240-pin DIMM (Non-ECC)
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel 82578DM, LAN2: Intel 82583V
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
300 MB/s
Channel
4
Rear I/O
CRT
1
DVI
1
Ethernet
2
USB
4 (USB 2.0 compliant)
Audio
3 (Mic-in, Line-out, Line-in)
Serial
2 (RS-232)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connector
USB
4 (USB 2.0 compliant)
Serial
IDE
-
SATA
4
CompactFlash
-
Parallel
-
IrDA
-
GPIO
-
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Power On
Intel Core i7-860 2.8 GHz, 16 GB DDR3 1333 MHz SDRAM
5 V
3.3 V
12 V
5 Vsb
-12 V
1.41 A
0.93 A
8.62 A
0.08 A
0.11 A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F), depends on CPU speed and cooler
solution
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
170 mm x 170 mm (6.69" x 6.69")
Watchdog
H/W Monitor
SMBus
Monitoring
BIOS flash
Embedded
Security ID
Utilities:
Software APIs:
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - AIMB-280_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-280G2-00A1E ADVANTECH-AIMB-280G2-00A1E Datasheet
696Kb / 2P
   Intel Core i7/Core i5/Core i3 Mini-ITX with VGA/DVI, 2 COM, Dual LAN, PCIex 16
20-Jan-2010
More results

Similar Description - AIMB-280_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-580 ADVANTECH-AIMB-580_14 Datasheet
710Kb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN
AIMB-580 ADVANTECH-AIMB-580_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN, DDR3
AIMB-203 ADVANTECH-AIMB-203 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with CRT/DP/DVI/LVDS, 9 COM, Dual LAN, PCIe x16
AIMB-272 ADVANTECH-AIMB-272 Datasheet
2Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with CRT/DVI/HDMI/LVDS, 6 COM, Dual LAN, PCIe x16
AIMB-281 ADVANTECH-AIMB-281 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM,Dual LAN, PCIe x4
AIMB-281 ADVANTECH-AIMB-281_V01 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM, Dual LAN, PCIe x4
15-Feb-2016
AIMB-780 ADVANTECH-AIMB-780_12 Datasheet
2Mb / 2P
   LGA1156 Intel짰 Core??i7/i5/i3/Pentium짰/Xeon짰 ATX with DVI/VGA, 4 COM, Dual LAN, DDR3
AIMB-273 ADVANTECH-AIMB-273_13 Datasheet
699Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-273 ADVANTECH-AIMB-273 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-270 ADVANTECH-AIMB-270_12 Datasheet
2Mb / 2P
   Intel짰 Core??i7/i5/Celeron uFC-PGA989 Mini-ITX with CRT/2DVI/LVDS, 6 COM, Dual LAN, PCIe x16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com