Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-556G2-00A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-556G2-00A1E
Description  Socket 478 Core??2 Duo/Celeron짰 M Processor-based MicroATX with DDR2/4 COM/Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-556G2-00A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-556G2-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-556G2-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
AIMB-556
Ordering Information
Part Number
VGA
GbE LAN
AIMB-556G2-00A1E
Yes
Dual
*AIMB-556 cannot be installed in ACP-2000MB chassis
Riser Card
Part Number
Description
AIMB-R430P-03A1E
2U riser card with 3 PCI slot expansion
AIMB-R4301-03A1E
2U riser card with 3 PCIe x 1 slot expansion
AIMB-R4104-01A1E
1U riser card with 1 PCIe x 4 slot expansion
AIMB-R431F-21A1E
2U riser card for 1 PCIe x 16 and 2 PCIe x 1 expansion
AIMB-R43PF-21A1E
2U riser card for 1 PCIe x 16 and 2 PCI expansion
Bracket View
Packing List
Part Number
Description
Quantity
1700340640
FDD cable
x 1
1701400452
IDE HDD cable
x 1
1700003194
Serial ATA HDD data cable
x 2
1703150102
Serial ATA HDD power cable
x 2
1701092300
Dual COM port cable kit
x 1
9689000068
Jumper pack
x 1
1960012533T000
I/O por t bracket
x 1
-
Startup manual
x 1
-
Utility CD
x 1
1750000348
CPU cooler (for 1U and 2U+ chassis)
x 1
Accessories
Part Number
Description
1700002314
USB cable with four ports, 30.5cm
1700002204
USB cable with dual ports, 27cm
1700003195
USB cable with dual ports, 17.5cm
AIMB-556G2-00A1E
BIOS
Super IO
Winbond
W83627HG
Intel GME965
GMCH
CRT
1 ATA 100 port
3 SATA ports
8 USB Ports
Intel Socket 478
Core 2 Duo/Celeron M
Processor
Audio Codec
ALC888
ICH8M
300MB/s
DMA 33/66/100
GLCI & LCI
PCIe x1
USB 2.0/1.1
HD Audio
VGA
DDR2 533/667
DDR2 533/667
Channel A
Channel B
LVDS
PCIe x16 slot
PCIe x16
GbE-LAN1: 82556MM PHY
GbE-LAN2: 82573L


Similar Part No. - AIMB-556G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-552 ADVANTECH-AIMB-552 Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
AIMB-552cannotbe ADVANTECH-AIMB-552cannotbe Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
AIMB-552G2-00A1E ADVANTECH-AIMB-552G2-00A1E Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
AIMB-552G2-00A1E ADVANTECH-AIMB-552G2-00A1E Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
AIMB-552G2-S0A1E ADVANTECH-AIMB-552G2-S0A1E Datasheet
1Mb / 3P
   Socket 479 Intel짰 Pentium짰 M/Celeron짰 M MicroATX, VGA/LVDS, 10 COM, & Dual LAN
21-Oct-2009
More results

Similar Description - AIMB-556G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-554 ADVANTECH-AIMB-554 Datasheet
358Kb / 2P
   Socket 478 Core??2 Duo/Core??Duo/ Celeron짰 M Processor-based MicroATX with DDR2/Dual LAN
AIMB-562 ADVANTECH-AIMB-562 Datasheet
326Kb / 2P
   LGA 775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor-based MicroATX with DDR2/PCIe/LAN
21-Nov-2008
AIMB-562 ADVANTECH-AIMB-562_10 Datasheet
328Kb / 2P
   LGA 775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor-based MicroATX with DDR2/PCIe/LAN
AIMB-764 ADVANTECH-AIMB-764_12 Datasheet
1Mb / 2P
   LGA 775 Core??2 Quad/ Core??2 Duo/ Pentium짰 4 / Celeron짰 D Processor-based ATX with DDR2/PCIe/Dual LAN
AIMB-764 ADVANTECH-AIMB-764 Datasheet
268Kb / 2P
   LGA 775 Core??2 Quad/ Core??2 Duo/Pentium짰 4 / Celeron짰 D Processor-based ATX with DDR2/PCIe/Dual LAN
AIMB-740-B ADVANTECH-AIMB-740-B Datasheet
210Kb / 2P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with VGA/Dual LAN
AIMB-742 ADVANTECH-AIMB-742 Datasheet
317Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with AGP/Dual LAN
logo
AAEON Technology
COM-945 AAEON-COM-945 Datasheet
238Kb / 2P
   COM Express Type 2 CPU Module with Intel Core 2 Duo/ Core Duo/ Celeron M (Socket-M Based) Processor
logo
BOSER Technology Co., L...
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
logo
AAEON Technology
COM-965 AAEON-COM-965 Datasheet
367Kb / 1P
   Intel짰 Core??2 Duo/ Celeron짰 M (Socket-P Based) Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com