Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOT-3126TL-830 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT-3126TL-830
Description  Supports WLAN antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT-3126TL-830 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT-3126TL-830 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT-3126TL-830 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
479
1. Power switch
2. DC power input
3. USB 2.0 x 2
4. COM 4 (RS-232)
5. COM 3 (RS-232)
6. COM 1 (RS-232/422/485)
7. COM 2 (RS-232)
8. VGA
9. Ethernet
10. USB 2.0 x 2
11. Audio (Line-out)
Desktop stand
GOT-3126TL-830
12.1" SVGA TFT Extended Temp. Fanless
Touch Panel Computer with Intel
® Atom™
Processor (-20°C +55°C)
12" SVGA (800 x 600) color TFT LCD display
Fanless cooling system with Intel
® Atom™ N270 1.6 GHz
Supports wide temperature range of -20°C +55°C
Anti-vibration up to 1.3G (HDD, random)
Supports WLAN antenna (optional)
Easy for expansion: Mini Card
Over-current protection-fuse
Supports panel mount, wall mount, VESA arm, desktop stand
(optional)
Introduction
Specifications
GOT-3126TL is the 12.1 fanless touch panel computer. By supporting a wide
temperature range from -20°C to +55°C, the GOT-3126TL is especially designed for harsh
environments. The GOT-3126TL adopts a modern, super sleek fanless design, is equipped
with a 12.1" TFT LCD, and low power consumption Intel
® Atom™ processor. In response
to customer's requests for wireless applications, the GOT-3126TL has a Mini Card slot
and an optional fixed rotational WLAN antenna for wireless network connection. By
just plugging in the Mini Card WLAN card, customers have instant access wireless
LAN. The GOT-3126TL is suitable for many applications including transportation, train,
control platforms on ships, oil pipe monitoring systems, and environmental monitoring of
steelworks.
Wide-temperature (-20°C~ +55°C) supported
The GOT-3126TL adopts unique extended temperature technology, with a temperature
range from -20°C to +55°C, with a fanless cooling system and compact design for harsh
environments.
Super slim design: 69mm
The GOT-3126TL is a super slim fanless touch panel computer for limited space
environments. This fanless touch panel computer is designed around the concept of
curved lines and soft edges by incorporating an ULV Intel
® Atom™ processor and a
streamlined mechanical layout.
WLAN antenna supported (optional)
The GOT-3126TL provides a Mini Card slot and an optional fixed rotational WLAN
antenna for wireless network connections. By simply plugging in the wireless LAN card,
customers can use the unit in a wireless environment.
Front Bezel
IP65, NEMA 4 rugged protection, aluminum front bezel
LCD Panel
Display Type
12.1" SVGA TFT LCD
Brightness (cd/m
2)
450 nits
Resolution
800 x 600
View Angle (H/V)
160°/140°
Main System
CPU
Intel
® Atom™ processor N270
1.6 GHz
Chipset
Intel
® 945GSE-ICH7M
System Memory
1 x 200-pin DDR2 533 SO-DIMM
max. up to 2 GB
BIOS
AMI 8 Mbit with RPL/PXE LAN
boot ROM
Storage
1 x 2.5" SATA HDD
1 x CompactFlash™
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated Intel
® 945GSE
Features
Extended
Temperature
Fanless
Low Power
DualView
Side view
1
4
10
2
5
6
7
8
9
11
3
Anti-vibration up to 1.3G
With a special vibration-resistant design patent, GOT-3126TL can work well under 1.3G
(5~500Hz) in operation mode, and equipped with a 2.5 HDD.


Similar Part No. - GOT-3126TL-830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3106TL-830 AXIOMTEK-GOT-3106TL-830 Datasheet
426Kb / 2P
   Over-current power protection-fuse
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
   Supports WLAN antenna
More results

Similar Description - GOT-3126TL-830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
   Supports WLAN antenna
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT-3570T AXIOMTEK-GOT-3570T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT_16 Datasheet
498Kb / 2P
   Supports WLAN module & antenna
GOT3187W-881-PCT AXIOMTEK-GOT3187W-881-PCT Datasheet
1Mb / 2P
   Supports WLAN module & antenna (optional)
GOT5100T-832 AXIOMTEK-GOT5100T-832_16 Datasheet
491Kb / 2P
   Supports WLAN module & internal antenna
GOT5840T-834 AXIOMTEK-GOT5840T-834 Datasheet
527Kb / 2P
   Supports WLAN module & internal antenna
GOT-3846T-832 AXIOMTEK-GOT-3846T-832 Datasheet
311Kb / 2P
   Supports WLAN module & external antenna
GOT3846T-832 AXIOMTEK-GOT3846T-832 Datasheet
406Kb / 2P
   Supports WLAN module and external antenna
logo
Pulse A Technitrol Comp...
W3078 PULSE-W3078 Datasheet
1Mb / 13P
   Dualband WLAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com