Electronic Components Datasheet Search |
|
6000-0NC3-12013 Datasheet(PDF) 4 Page - Emcore Corporation |
|
6000-0NC3-12013 Datasheet(HTML) 4 Page - Emcore Corporation |
4 / 7 page DATASHEET | DECEMBER 2011 FIBER OPTICS | REV 2011.12 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. General and Mechanical Specifications Property Requirement Comments Wavelength 1550 +/-5 nm Various Options + ITU-grid available – see Model Number Information Channel Plan Various – See Specification Tabels Custom channel plans available Optical Connector SC/APC Other styles available Monitoring Interfaces 100 Base-T Ethernet (SNMP) Rear Panel RS-232 interface VFD Screen Front Panel Controls VFD- (Vacuum Fluorescent Display) Operating Temperature 0 C to 50C Storage Temperature -20 C to 70C Power Consumption 65W max Agency Listings EMI: EN50083-2:2006 (US CATV) EN55022:2006 (US IT) EN61000-3-2 (Harmonics) EN61000-3-3 (Flicker) FCC: Part 15, Subpart B, class “A” Unintentional Radiators ICES-003 (Canada) AN/NZS 3548, Class A (Australia) VCCI, Class A (Japan) Safety: FDA/CDRH Laser Safety Governed by Code of Federal Regulations Title 21, Volume 8, Part 1040 IEC 60950-1 IEC 60728-11 Laser IEC 60825-1 CB Certification Transportation Vibration GR-2853-CORE In Shipping package Transportation Shock GR-2853-CORE In Shipping package Operating Humidity 20% to 85% Non-condensing Supply Range (VAC) (VDC) 90 to 265 VAC, 50/60 Hz +/- (36 – 72) VDC Dimensions 19.0”W x 15.0”D x 1.72”H (width includes 19” front panel ears, depth includes, connectors, fans & front panel) – see drawing Input Power Range 17 +/-1 dBmV/ch 80 NTSC channels Manual mode 15 +/-1 dBmV/ch 110 NTSC channels Manual mode 18 +/-1 dBmV/ch 60 PAL channels Manual mode 20 +/-1 dBmV/ch 42 CENELEC channels Manual mode 16 +/-1 dBmV/ch 89 PAL channels Manual mode 27 +/-1 dBmV/ch SAT-IF channels Manual mode Input Power Range 19 +/-2 dBmV/ch 80 NTSC channels CW mode 17 +/-2 dBmV/ch 110 NTSC channels CW mode 20 +/-2 dBmV/ch 60 PAL channels CW mode 18 +/-2 dBmV/ch 89 PAL channels CW mode 22 +/-2 dBmV/ch 42 CENELEC channels CW mode 29 +/-2 dBmV/ch SAT-IF channels AGC mode Medallion 6000 Series 1550 nm Externally Modulated Transmitter |
Similar Part No. - 6000-0NC3-12013 |
|
Similar Description - 6000-0NC3-12013 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |