Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A05 Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # 10A05
Description  CURRENT: PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

10A05 Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  10A05 Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD 10A05 Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC R-6,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.072 ounces,2.04 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
10A2
10A4
10A6
10A8
10A10
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 10.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
SEMICONDUCTOR
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 10.0 A
35
50
R - 6
Diffused junction
Easily cleaned witn Freon,Alcohol,lsopropanol
10A05--- 10A10
100.0
400.0
IFSM
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55 ---- + 150
- 55 ---- + 150
IR
120
10
A
10.0
and similar solvents
IF(AV)
10.0
1.0
2. Thermal resistance f rom junction to ambient.
A
PLASTIC SILICON RECTIFIER
The plastic material carries U/L recognition 94V-0
A
10A05
10A1
50
100
KI
Document Number 0260032
1.


Similar Part No. - 10A05

ManufacturerPart #DatasheetDescription
logo
Shunye Enterprise
10A05 SHUNYE-10A05 Datasheet
99Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Bytes
10A05 BYTES-10A05 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Gaomi Xinghe Electronic...
10A05 GXELECTRONICS-10A05 Datasheet
329Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
logo
Chongqing Pingwei Enter...
10A05 CHONGQING-10A05 Datasheet
41Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
HY ELECTRONIC CORP.
10A05 HY-10A05 Datasheet
757Kb / 3P
   Plastic Silicon Rectifiers
More results

Similar Description - 10A05

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5400 TRSYS-1N5400 Datasheet
155Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
AR-ARS350X HORNBY-AR-ARS350X Datasheet
230Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_10 Datasheet
52Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Yea Shin Technology Co....
1N5400G YEASHIN-1N5400G Datasheet
59Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_07 Datasheet
43Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Transys Electronics
P600A TRSYS-P600A Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
AR-ARS500X HORNBY-AR-ARS500X Datasheet
229Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
AR-ARS250X HORNBY-AR-ARS250X Datasheet
231Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
BY255 YIXIN-BY255 Datasheet
143Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
BY251 CHENG-YI-BY251 Datasheet
119Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com