Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-566 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-566
Description  Intel짰 Core?? Quad/Core?? Duo LGA775 MicroATX with CRT/DVI, 2 COM, and LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-566 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-566_12 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-566_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-566
Ordering Information
CRT
DVI
GbE
COM
SATA
AIMB-566VG-00A1E
1
1
1
2
6
*We strongly suggest using only Advantech’s certified LGA775 CPU coolers to ensure
board reliability under harsh conditions.
Riser Card
Part Number
Description
AIMB-RP10P-01A1E
1U riser card for 1 PCI expansion
AIMB-RP30P-03A1E
2U riser card for 3 PCI expansion
I/O View
Packing List
Description
Quantity
IDE HDD cable
1
Floppy cable
1
Serial ATA HDD data cable
2
Serial ATA HDD power cable
2
I/O port bracket
1
Startup manual
1
Utility CD
1
Optional Accessories
Part Number
Description
1750000334
LGA775 CPU cooler (115 W)
1960022033T000
LGA775 CPU cooler for 2U chassis
1700003195
USB cable with two ports, 17.5 cm
1700002204
USB cable with two ports, 27 cm
1700008461
USB cable with four ports, 30.5 cm
Embedded OS/API
OS/API
Part No.
Description
Win XPE
2070005289
XPE FP2007 AIMB-566 V3.01 ENG
2070005290
XPE FP2007 AIMB-566 V3.01 CH
Software API
205E000021
SUSI 3.0 SW API for AIMB-566 XP
AIMB-566VG-00A1E
Intel Q35
GMCH
CRT
6 SATA2 ports
JMB368
Intel Core 2 Quad/Core 2 Duo
LGA775 processor
Super I/O
Winbond
W83627DHG
ICH9 DO
IDE
LPC Bus
DVI-D
DDR2 667/800
Channel A
CRT
Channel B
PCIe x4
PCIe x1
300MB/s
USB 2.0/1.1
HD Audio
GLCI & LCI
PCI
SDVO
GbE-LAN:
Intel 82566DM
12 USB Ports
Audio Codec
Realtek ALC888
PCIe x4
PCI 1
Edge Connector
DDR2 667/800
DDR2 667/800
DDR2 667/800
SPI
2 RS-232
BIOS


Similar Part No. - AIMB-566_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-566VG-00A1E ADVANTECH-AIMB-566VG-00A1E Datasheet
312Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo MicroATX with VGA/DVI, 2 COM, and LAN
24-Mar-2009
More results

Similar Description - AIMB-566_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-566 ADVANTECH-AIMB-566 Datasheet
312Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo MicroATX with VGA/DVI, 2 COM, and LAN
24-Mar-2009
SIMB-U01-6VG00A1E ADVANTECH-SIMB-U01-6VG00A1E Datasheet
576Kb / 2P
   Intel짰 Core?? Quad LGA775, Core?? Duo MicroATX with VGA, 2 COM, and LAN
SIMB-U01 ADVANTECH-SIMB-U01 Datasheet
831Kb / 2P
   Intel짰 LGA775 Core?? Quad, Core?? Duo MicroATX with VGA, 2 COM and LAN
AIMB-564 ADVANTECH-AIMB-564_12 Datasheet
1Mb / 2P
   Intel짰 Core?? Quad/Core?? Duo LGA775 MicroATX with CRT, PCIe, SW RAID, and LAN
AIMB-564 ADVANTECH-AIMB-564_14 Datasheet
577Kb / 2P
   Intel짰 Core?? Quad/Core?? Duo LGA775 MicroATX with CRT, PCIe, SW RAID, and LAN
AIMB-262VG-00A1E ADVANTECH-AIMB-262VG-00A1E Datasheet
1Mb / 2P
   Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
AIMB-262 ADVANTECH-AIMB-262_12 Datasheet
1Mb / 2P
   Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
AIMB-564 ADVANTECH-AIMB-564 Datasheet
282Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo/MicroATX with VGA, PCIe, SW RAID, and LAN
28-April-2009
AIMB-766 ADVANTECH-AIMB-766_12 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core??2 Quad/Core??2 Duo ATX with VGA, 4 COM, and Dual LAN
AIMB-766 ADVANTECH-AIMB-766 Datasheet
338Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo ATX with VGA, 4 COM, and Dual LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com