Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES-2217 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ES-2217
Description  17" Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2217 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ES-2217 Datasheet HTML 1Page - Advantech Co., Ltd. ES-2217 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES-2117/2217
17" Open Frame and
Rugged Panel Mount Monitor
ES-2117
ES-2217
Features
 17" LCD supports 1280 x 1024 pixels and wide operating temperature
(-0 ~ 50° C)
 Resistive touch screen and 3 mm tempered glass options
 Capacitive touch solution (optional)
 Versatile mounting brackets
 Modular architecture for efficient integration
 Sunlight readable (optional)
 Ultra-high brightness up to 1000 cd/m2 with LED backlight technology
(optional)
 Rugged aluminum front bezel design (ES-2217)
 VGA interface
RoHS
COMPLIANT
2002/95/EC
Introduction
The Advantech ES-2117/2217 Embedded Open Frame and Rugged Panel Mount Monitor series offer flexible options for LCD, touchscreen, signal interface and chassis mounting.
The series supports panel and VESA mounting, and is supplied with four versatile mounting brackets for different integration applications. The Advantech Display Solutions
Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) enables easy selection of model numbers by choosing the required options.
Specifications
I/O Ports
15-pin D-sub, DC power input, RS-232 port, Power Switch and OSD keys (Auto-tune, menu, decrease, increase)
Display Input Signal
Analog RGB, 0.7 VP-P / 75 0hm, optional LVDS
Multi-Scan Mode
Multi-Scan Mode supports VGA, SVGA
Keys: Auto-tune, Menu, Decrease and Increase Functions: Brightness, Contrast, Clock, Phase, Horizontal Position,
Processor System
OSD Control
Vertical Position and Sharpness
Environment
Display
Touchscreen
Power
External 50 W power adapter, with AC 100 ~ 240 V input and DC +12 V @ 4.16 A output
Dimensions (W x H x D)
Please refer to the product dimension diagram on next page
Weight
ES-2117 : 3.8 kg / 8.38 lb
ES-2217 : 4.5 kg / 9.92 lb
Operating Temperature
-0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F) for standard LCDs
Humidity
5 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 ms duration)
ROHS compliance
Feature
Standard / (OEM)
Sunlight Readable
Size
17"
17"
Resolution (pixels)
1280 x 1024 SXGA
1280 x 1024 SXGA
Number of Colors
16.2 M
16.2 M
Viewing Angle (L/R/U/D)
70°/70°/70°/60°
70°/70°/70°/60°
Brightness (cd/m2)
300
450
Contrast Ratio
500:1
500:1
Response Time (ms)
8
8
Lamp Life (hrs)
50,000
50,000
Long-term Support
Yes
Yes
Anti-reflection
-
Yes
Type
Analog Resistive
Capacitive
Thickness
3.48 mm
3.18 mm
Resolution
4096 x 4096
1024 x 1024
Light Transmission
80%
85%
Interface
RS-232/USB
RS-232
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
Durability (Touches)
35 million hrs
225 million hrs
Driver OS Support
DOS, Linux, Mac, Windows 95/98/NT/ME/CE/2000/XP
Display Solutions


Similar Part No. - ES-2217

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-2217 ADVANTECH-ES-2217 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2217C-VEA-SRE ADVANTECH-ES-2217C-VEA-SRE Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2217R-VEAE ADVANTECH-ES-2217R-VEAE Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com