Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE400 Datasheet(PDF) 2 Page - A-Data Technology

Part # AE400
Description  Wireless storage reader and power bank
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AE400 Datasheet(HTML) 2 Page - A-Data Technology

  AE400 Datasheet HTML 1Page - A-Data Technology AE400 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adata-group.com
Specifications
> Ports: Micro-B USB (data transmission & battery charging), USB AF
(host port for UFD/portable HDD or Power Bank function),
SD card (for SD/SDHC/SDXC)
> Battery: Li-Polymer 5000mAh rechargeable battery
> Power Bank: 5000 mAh
> Temperature: Operating 0~50°C; Storage -20~60°C
> File system compatibility: FAT32/exFAT
> Operating System Compatibility: iOS 5.0+ / Android 2.3+
Windows XP, Vista, 7, 8
Mac OS X 10.x+ / Linux 2.4+
Type
Dimensions(mm) PCs/Carton CUFT
Carton Gross Weight
Carton Dimensions(mm)
Color Box
209
130 x 103 x 35
40
1.3
8.72KG
442 x 352 x 240
Weight
Ordering Information
Capacity
Model Number
Color
EAN Code
NA
AAE400-CBKSV
Black & Silver
4713435796801
DashDrive Air AE400 Overview
> Wireless standard: IEEE 802.11b/g/n
> Wireless security: WPA, WPA2
> Data rate: up to 150 Mbps (wireless), up to 480 Mbps (USB2.0)
> Dimensions (L x W x H): 80 x 59 x 21mm (3.1 x 2.3 x 0.8in)
> Weight: 128g
> Warranty: One Year Warranty
> Box Contents: AE400, User’s guide, Micro USB cable


Similar Part No. - AE400

ManufacturerPart #DatasheetDescription
logo
CUI INC
AE40-EW CUI-AE40-EW Datasheet
638Kb / 7P
   DC-DC CONVERTER
AE40-EW CUI-AE40-EW Datasheet
2Mb / 7P
   DC-DC CONVERTER
08/30/2021
AE40-EW-DIN CUI-AE40-EW-DIN Datasheet
696Kb / 7P
   DC-DC CONVERTER
AE40-EW-DIN CUI-AE40-EW-DIN Datasheet
2Mb / 7P
   DC-DC CONVERTER
08/30/2021
AE40-EW-DIN CUI-AE40-EW-DIN_V01 Datasheet
2Mb / 7P
   DC-DC CONVERTER
08/30/2021
More results

Similar Description - AE400

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
   USB 3.0 Single LUN Mass Storage Card Reader
logo
Level One
WAP-0008 LVL1-WAP-0008 Datasheet
209Kb / 3P
   Wireless 11g Wireless Access Point with SATA/IDE Storage
logo
Tripp Lite. All Rights ...
UPB-10K0-1U1CQ TRIPPLITE-UPB-10K0-1U1CQ Datasheet
163Kb / 3P
   Portable Wireless Charging Power Bank - 10,000 mAh, Qi Certified, Apple and Samsung Compatible, Black
logo
NTE Electronics
57-PB1 NTE-57-PB1 Datasheet
266Kb / 1P
   Power Bank
logo
Injoinic Technology Co....
IP5568 INJOINIC-IP5568 Datasheet
2Mb / 42P
   Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
logo
ON Semiconductor
LC709501F ONSEMI-LC709501F_17 Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501F ONSEMI-LC709501F Datasheet
873Kb / 30P
   Power Bank Controller
September 2016 - Rev. 0
LC709511F ONSEMI-LC709511F Datasheet
530Kb / 25P
   Power Bank Controller
April 2017 - Rev. 0
logo
Semtech Corporation
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
logo
Analog Devices
CN-0211 AD-CN-0211 Datasheet
251Kb / 6P
   IF Band-Pass Filter Bank Switching Network for Wireless Infrastructure
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com