Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP800 Datasheet(PDF) 2 Page - A-Data Technology

Part # SP800
Description  ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SP800 Datasheet(HTML) 2 Page - A-Data Technology

  SP800 Datasheet HTML 1Page - A-Data Technology SP800 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adata-group.com
ADATA Premier SP800 Solid State Drive
SATA 3 Gb/sec
Ordering Information
EAN Code
Description
Capacity
4713435794777
4713435794630
ADATA Part No.
ASP800S-32GM-C
ASP800S-64GM-C
32 GB
64 GB
SP800S 32GB SF2141
SP800S 64GB SF2141
Dimensional Drawings
61.71
3
69.85 0.25


Similar Part No. - SP800

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP80001 SIPAT-SP80001 Datasheet
156Kb / 4P
   800MHz Low-loss SAW Filter 53MHz Bandwidth
logo
List of Unclassifed Man...
SP8003 ETC2-SP8003 Datasheet
297Kb / 4P
   Very High Accuracy, Low Noise, Sample-and-Hold Amplifier
logo
SamHop Microelectronics...
SP8005 SAMHOP-SP8005 Datasheet
120Kb / 8P
   Super high dense cell design for low RDS(ON).
SP8006 SAMHOP-SP8006 Datasheet
120Kb / 8P
   Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SP800

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SP900 A-DATA-SP900 Datasheet
485Kb / 2P
   ADATA Premier Pro SP900 Solid State Drive SATA 6Gb/sec
SP600 A-DATA-SP600 Datasheet
686Kb / 2P
   ADATA Premier Pro SP600 Soild State Drive
S510 A-DATA-S510 Datasheet
405Kb / 2P
   ADATA S510 Solid State Drive
SX900 A-DATA-SX900 Datasheet
552Kb / 2P
   ADATA XPG SX900 Solid State Drive
SX910 A-DATA-SX910 Datasheet
486Kb / 3P
   ADATA XPG SX910 Solid State Drive
SX300 A-DATA-SX300 Datasheet
553Kb / 2P
   ADATA XPG SX300/Premier Pro SP300
AUSDH8GUI1-R A-DATA-AUSDH8GUI1-R Datasheet
452Kb / 1P
   ADATA Premier Pro microSDHC UHS-I
logo
Transcend Information. ...
MTS400S TRANSCEND-MTS400S Datasheet
780Kb / 3P
   SATA III M.2 Solid State Drive
logo
A-Data Technology
SDHCUHS-I A-DATA-SDHCUHS-I Datasheet
1Mb / 1P
   ADATA Premier SDHC/SDXC UHS-I CLASS
UHS-I A-DATA-UHS-I Datasheet
1Mb / 1P
   ADATA Premier SDHC/SDXC UHS-I CLASS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com