Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

508-521-21 Datasheet(PDF) 3 Page - Marl International Limited

Part # 508-521-21
Description  횠8.1mm mounting Robust bright nickel plated brass housing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

508-521-21 Datasheet(HTML) 3 Page - Marl International Limited

  508-521-21 Datasheet HTML 1Page - Marl International Limited 508-521-21 Datasheet HTML 2Page - Marl International Limited 508-521-21 Datasheet HTML 3Page - Marl International Limited 508-521-21 Datasheet HTML 4Page - Marl International Limited 508-521-21 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
to order
de-rating information
BS EN ISO 9001:2008
approved manufacturer
508 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
also available
Part numbers also available in the 508 series:
Part
Number
Colour
Voltage
Vopr
508-501-21-15
Red
12 Vdc
508-501-22
Red
24 Vdc
508-501-56
Red
72 Vdc
508-502-21-29
Red
12 Vdc
508-502-75
Red
110 Vac 50 Hz
508-512-21
Green
12 Vdc
508-512-23
Green
28 Vdc
508-512-75-15
Green
110 Vac 50 Hz
508-521-04
Yellow
20 mA dc
508-521-20
Yellow
5/6 Vdc
508-521-21-29
Yellow
12 Vdc
508-521-22
Yellow
24 Vdc
508-521-75
Yellow
110 Vac 50 Hz
508-532-20
Green
5/6 Vdc
508-532-21-15
Green
12 Vdc
508-532-22
Green
24 Vdc
508-532-22-51
Green
24 Vdc
508-532-46
Green
35 Vdc
508-532-75-15
Green
110 Vac 50 Hz
508-535-21-15
Red/Green
12 Vdc
508-930-22
Blue
24 Vdc
508-997-22
White
24 Vdc
The products listed here illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 508 - version 2012-12-06-113721
page 3 of 5


Similar Part No. - 508-521-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
508-521-21 MARL-508-521-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-521-21 MARL-508-521-21 Datasheet
433Kb / 5P
   industrial panel lamps
508-521-21 MARL-508-521-21 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
508-521-21-29 MARL-508-521-21-29 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
More results

Similar Description - 508-521-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507 MARL-507 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
512 MARL-512 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
531 MARL-531 Datasheet
317Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
514 MARL-514 Datasheet
373Kb / 4P
   횠12.7mm mounting Robust bright nickel plated brass housing
604 MARL-604 Datasheet
460Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
515 MARL-515 Datasheet
397Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
511 MARL-511 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
603 MARL-603 Datasheet
464Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
603-301-04_1309 MARL-603-301-04_1309 Datasheet
464Kb / 4P
   Robust bright nickel plated brass housing
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   Robust bright nickel plated brass housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com