Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

514-102-04 Datasheet(PDF) 2 Page - Marl International Limited

Part # 514-102-04
Description  횠12.7mm mounting Robust bright nickel plated brass housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

514-102-04 Datasheet(HTML) 2 Page - Marl International Limited

  514-102-04 Datasheet HTML 1Page - Marl International Limited 514-102-04 Datasheet HTML 2Page - Marl International Limited 514-102-04 Datasheet HTML 3Page - Marl International Limited 514-102-04 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
* = Current version
^ = Voltage version
BS EN ISO 9001:2008
approved manufacturer
514 series
11.50
21
6
12.70+0.1
0
Mounting Hole
Anode termination indicated by red sleeve.
Mounting hole to be clean and burr free.
housing material
Body
Nut
Panel Seal
push on connectors
Header
Termination
Lens
Encapsulation
Lock Washer
925-000-00 is brass tin plated - for use
with 514 series lamps
Dimensions in mm (typical). Not to scale.
Brass to BS 2874 CZ121, Nickel plated to BS 1224
Brass to BS 2874 CZ121, Nickel plated to BS 1224
Viton
Brass to BS 2874 CZ108. Copper flash base, silver flash finish
-
PC5430 Resin
Zinc Plated Steel
-
514
1000
3*/1000^
12.7
1.0
19.5
1.5 - 8.0
optional flying lead terminators
Order Code
Suffix
Supply
Voltage
Wire
Colour
Wire
Length
No/Diameter
of Conductor
Diameter
Insulation
Comments
15
15
19
19
DC products
AC products
DC products
AC products
Red-anode/ Black-cathode
Brown-live/ Blue-neutral
Red-anode/ Black-cathode
Brown-live/ Blue-neutral
150mm
150mm
1000mm
1000mm
Customised
lengths
available
19/0.15mm
1.2mm
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 514 - version 2013-01-17-173609
page 2 of 4


Similar Part No. - 514-102-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
514-102-04 MARL-514-102-04 Datasheet
305Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
514-102-04 MARL-514-102-04 Datasheet
373Kb / 4P
   industrial panel lamps
514-102-04 MARL-514-102-04 Datasheet
373Kb / 4P
   Suitable for high vibration applications
More results

Similar Description - 514-102-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
531 MARL-531 Datasheet
317Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
511 MARL-511 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
512 MARL-512 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
515 MARL-515 Datasheet
397Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
507 MARL-507 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
604 MARL-604 Datasheet
460Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
508 MARL-508 Datasheet
433Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
603 MARL-603 Datasheet
464Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
603-301-04_1309 MARL-603-301-04_1309 Datasheet
464Kb / 4P
   Robust bright nickel plated brass housing
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   Robust bright nickel plated brass housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com