Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA-710 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA-710
Description  Supports Cavium CN1005 accelerator on board
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA-710 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA-710 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
22
NA-710
1U Rackmount Network Appliance Platform
with LGA775 Intel
® Core™2 Quad/ Core™2
Duo Processor and 6 LANs
LGA775 socket Intel
® Core 2 Duo/ Core™2 Quad/ Celeron®
processor
Supports six 10/100/1000Mbps Ethernet ports (Intel
® 82583V)
or optional fiber port solution
Supports single mode or multi mode fiber connection by SFP
flexible design
Supports BIOS redirected to COM port
Supports two 2.5" SATA HDD or one 3.5" SATA HDD for data
or proxy
Supports Cavium CN1005 accelerator on board (optional)
Suitable for VPN, network bandwidth controller, firewall and
UTM applications
Ordering Information
Packing List
Dimensions
Specifications
Features
Rear view
Front view
System
CPU
LGA775 socket for Intel
® Core™2 Duo/ Core™2 Quad/
Celeron
® processor
Chipset
Intel
® G41 + ICH7R
Memory
2 x DDR3 800/1066 DIMM max. up to 4 GB (2 x 2 GB)
(unbuffered non-ECC)
BIOS
Award 64Mbit PnP Flash BIOS with function of BIOS
redirected to COM port
HDD Interface
2 x 2.5" SATA HDD (default) or 1 x 3.5" SATA HDD (optional)
Network Interface
Configuration 1
(Default)
Configuration 2
(Option)
Configuration 3
(Option)
Configuration 4
(Option)
10/100/1000Mbps
(RJ type)
6
7
4
5
10/100/1000Mbps
(fiber w/ SFP type)
0
0
2
2
PCIe x8 expansion slot
1
0
1
0
Remark: Intel 82583V for RJ-45 10/100/1000Mbps
SSD
1 x CompactFlash™; limited support of DOM for SATA2 type
I/O Interface
1 x RS-232 (RJ type), 2 x USB connector, 6 x RJ-45 connector
Watchdog Timer
255 stepping for porting
USB
USB 2.0 port on front side, rest are internal pin headers
Expansion Slot
PCIe x 8 slot (default)
Other Features
LAN bypass function through WDT and GPIO pin control
(LAN 2 & LAN 3, LAN 4 & LAN 5)
Power Supply
270W ATX power supply
OS Compatibility
Linux Redhat Kernel 2.4 and 2.6, FreeBSD
Mechanical/ Environmental
Form Factor
1U rackmount
LED
Power, HDD, Link/Act with transfer rate (RJ-45)
Operating Temp.
0° ~ +45°C (32°F ~ 113°F)
Storage Temp.
-20°C ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 95% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73") (H) x 430 mm (16.92") (W) x 394.4 mm (15.52") (D)
Weight (net/gross)
8.2 kg (18.08 lb)/9.8 kg (21.61 lb)
Certification
FCC class A/CE class A
Standard
NA-710-R6GI
1U high performance network appliance with LGA775 socket
for Intel
® Core™2 Duo/ Core™2 Quad processor,
6 10/100/1000Mbps (6 RJ)
NA-710-R6MI
1U high performance network appliance with LGA775 socket
for Intel
® Core™2 Duo/ Core™2 Quad processor,
6 10/100/1000Mbps (4 RJ+2 SFP)
Optional
CK9A104
Cable kit (P/N: 8816E320010E)
40155720040E
Fiber module (SFP type multi-mode)
59416112100E
Cable DB9 (M) - RJ-45, L: 1.5M straight cable
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
1 x power cord
1 x SATA cable
1 x utility CD (user's manual and driver)
1 x RJ-45 to DB9 (F) 1.8M console cable (RC) cross cable
Introduction
The NA-710 1U rackmountable network appliance supports LGA775 socket for Intel
®
Core™2 Duo/Core™2 Quad/Celeron
® processor and up to 4GB DDR3 with two DIMM
memory slots. For LAN ports, we can provide copper and fiber solution on the same
platform design, it has four configurations to meet different customer's requirements. For
storing event log data, the NA-710 utilizes two 2.5" SATA HDD or one 3.5" SATA HDD. NA-
710 also can have limited support of SATA DOM as an option. To ensure an uninterrupted
network connection, the NA-710 supports two-group bypass functions activated
automatically when the system is powered down or off. Lastly, the NA-710 offers optional
Cavium CN1005 VPN accelerator.


Similar Part No. - NA-710

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NA-7WATW01 OMRON-NA-7WATW01 Datasheet
9Mb / 36P
   Machine Interface
NA-7WKBA04 OMRON-NA-7WKBA04 Datasheet
9Mb / 36P
   Machine Interface
More results

Similar Description - NA-710

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
DSB320-842 AXIOMTEK-DSB320-842 Datasheet
119Kb / 1P
   Fanless Digital Signage Player supports Celeron J1900 on board
logo
Communications & Power ...
VWP1133 CPI-VWP1133 Datasheet
124Kb / 1P
   Accelerator
logo
List of Unclassifed Man...
561-MMP002 ETC2-561-MMP002 Datasheet
40Kb / 2P
   Metric Printed Circuit Board Supports
TVG9470 ETC2-TVG9470 Datasheet
498Kb / 4P
   TV Accelerator
TGUI9440 ETC1-TGUI9440 Datasheet
601Kb / 4P
   GUI Accelerator
TGUI9440-3 ETC1-TGUI9440-3 Datasheet
513Kb / 3P
   GUI Accelerator
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
   Clock Generator for Cavium Processors
06/30/15
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
   Clock Generator for Cavium Processors
2011
logo
Diodes Incorporated
AP4340S DIODES-AP4340S Datasheet
378Kb / 10P
   DYNAMIC PSR ACCELERATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com