Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA-812A Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA-812A
Description  Ultra low power and high performance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA-812A Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA-812A Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
404
SOHO Series
SMB Series
Overview
Accessories
* All specifications and photos are subject to change without notice.
© 2012 Axiomtek Co., Ltd. All rights reserved.
1
Network Appliances
Packing List
1 x SATA cable
1 x SATA cable
Dimensions
Ordering Information
Specifications
Features
NA-811A-D4GI
Low power network appliance with ULV Intel
®
-1G
Celeron
® M 1 GHz/0K (L2 cache) CPU,
®
4 10/100/1000Mbps
NA-811B-D4GI
High performance network appliance
with socket 479 Intel
® Pentium
®
® M,
®
4 10/100/1000Mbps
CK9A100
Cable kit (P/N: 88080000640E)
Desktop Network Appliance Platform with ULV Intel® Celeron® M/
Pentium® M Processor and 4 LANs
NA-811A/B
Low power and high performance ULV Intel
®
Celeron
® M 1 GHz with 0K cache or socket 479
Intel
® Pentium® M processor
Supports 4 10/100/1000Mbps Ethernet ports
(Intel
® 82573L)
Supports BIOS redirected to COM port features
Supports one 2.5” SATA HDD
High computing performance and throughput for
processor and LAN ports
Suitable for network appliance: VPN, network
bandwidth controller, firewall and UTM
Introduction
The NA-811 series is a 1U desktop form factor with four Gigabit LAN ports
designed for small and home office applications. It supports a socket 479 Intel
®
Pentium
® M processor or an ULV Intel® Celeron® M 1GHz/0K (L2 cache) processor.
To prevent network problems when the platform shuts down, the NA-811 series
supports one group of LAN bypass function through WDT and GPIO pin definitions.
In order to provide the best network performance and best utilization, the
powerful storage interface includes one 2.5” SATA HDD and CompactFlash™. One
MiniPCI slot with 32-bit/33MHz is available for expansion if customer wish to
install wireless module or VPN card.
CPU
ULV Intel
® Celeron
®
® M 1 GHz and 0K L2 cache processor
®
onboard (NA-811A)
Socket 479 for Intel
® Pentium
®
® M processor (NA-811B)
®
Chipset
Intel
® 910GMLE and Intel
®
® ICH6M (NA-811A)
®
Intel
® 915GME and Intel
®
® ICH6M (NA-811B)
®
Memory
y
2 x DDR2 400/533 SO-DIMM max. up to 2 GB
p
BIOS
Award 4Mbit PnP Flash BIOS with function of BIOS
redirected to COM port
HDD Interface
1 x 2.5” SATA HDD
Network Interface
4 x 10/100/1000Mbps Ethernet (Intel
® 82573L)
®
SSD
Supports DiskOnModule
I/O Interface
1 x RS-232 DB9 connector, 2 x USB connector, 4 x RJ-45
connector, 1 x DC-in power jack
Watchdog Timer
255 stepping for porting
USB
2 x USB 2.0 port on rear side, rest are internal pin headers
Expansion Slot
1 x 32bit/33MHz MiniPCI slot
Other Feature
LAN bypass function through WDT and GPIO pin control
(optional)
(one group)
Power Supply
1 x 12V, 5A power adapter
OS Compatibility
Redhat Linux Kernel 2.4 and 2.6
Form Factor
1U desktop
p
LED
Power, HDD, Link/Act with transfer rate
Operating Temp.
p
g
p
0°C ~ +40°C (32
(
°F ~ 104°F))
Storage Temp.
g
p
-20°C ~ +70°C (-4
( °F ~ +158°F))
Humidity
y
10% ~ 95% RH, non-condensing
g
Chassis Material
Steel
Dimensions
44 mm (1.73”) (H) x 221.4 mm (8.26”) (W) x 151.5 mm
(5.96”) (D)
Weight (net/gross)
2.35 kg (5.18 lb)/2.61 kg (5.75 lb)
Certification
FCC class B/CE class B
* Specifications and certifications are based on options and may
vary.
** Recommend ordering optional cable kit with first order.
Rear view
Front view
Low Power
Packing List
Dimensions
Specifications
Rear view
Front view
1 x DC power adapter 12V/5A
1 x DC power adapter 12V/5A
( )
(
)
1 x RJ-45 to DB9 (F) 1.8M console cable (RC) cross cable
1 x RJ-45 to DB9 (F) 1.8M console cable (RC) cross cable
( )
(
)
Ordering Information
NA-812A-D6GI
Ultra low power network appliance with ULV
Intel
® Celeron
®
® M 723, 6 10/100/1000Mbps
®
CK9A104
Cable kit (P/N: 8816E320010E)
59416112100E
Cable DB9 (M) - RJ-45, L: 1.5M straight cable
Desktop Network Appliance Platform with Low Power
Intel® Core™2 Duo Processor and 6 LANs
NA-812A
Features
Ultra low power and high performance; up to LV
Intel
® Core™2 Duo 1.8 GHz with 6MB L2 cache
processor
Supports six 10/100/1000Mbps Ethernet ports
(Intel
® 82574L/82567LM)
Supports BIOS redirected to COM port features
Supports AMT remote enclosure management
capability, system reset and firmware remote
uploading features
Supports one 2.5” SATA2 HDD
High computing performance and throughput for
processor and LAN ports
Suitable for network appliance: VPN, network
bandwidth controller, firewall and UTM
Introduction
Designed with green concept in mind, the NA-812A integrates a low power Intel
®
Core™2 Duo processor up to 1.8 GHz or Celeron
® M 1.2 GHz processor with the
®
Mobile Intel
® GM45 Express chipset. Two DDR3 SO-DIMM slots support 800/1066
®
memory up to 4GB. Available with six Gigabit Ethernet ports thru PCIe interface,
the NA-812A deliveries high throughput. To prevent network problems when the
platform shuts down, the NA-812A supports one group of LAN bypass function.
The built-in Intel
® Active Management Technology 4.0 answers customers
®
’ need
of enhanced security and remote access for easier maintenance. For system
login with monitoring and building control proxy, the NA-812A has space for a
2.5” SATA2 HDD.
CPU
Low power Intel
® Core
®
™2 Duo/ Penryn processor
up to 1.8 GHz, Intel
®
Celeron
®
® M 1.2 GHz (723)
®
(default) onboard
Chipset
Intel
® GM45 and Intel
®
® ICH9-IEM
®
Memory
2 x SO-DIMM DDR3 800/1066 max. up to 4 GB
BIOS
AMI 32Mbit PnP Flash BIOS with function of BIOS
redirected to COM port
HDD Interface
1 x 2.5” SATA2 HDD
Network Interface
6 x 10/100/1000Mbps Ethernet (Intel
® 82574L/82567LM)
®
SSD
Supports DiskOnModule through SATA2 interface
I/O Interface
1 x RS-232 RJ-45 connector, 2 x USB connector,
6 x RJ-45 connector, 1 x DC-in power jack, system reset
switch, factory default switch
Watchdog Timer
255 stepping for porting
USB
2 x USB 2.0 port on rear side, rest are internal pin headers
Expansion Slot
1 x 32bit/33Mhz MiniPCI slot
Other Feature
LAN bypass function through WDT and GPIO pin control
(optional)
(one group)
Power Supply
1 x 12V, 5A power adapter
Management
Intel
® AMT (Active Management Technology) 4.0
®
Capability
Supports remote diagnosis and control
OS Compatibility
Linux Redhat Kernel 2.6
Form Factor
1U desktop
LED
Power, HDD, LAN bypass, Link/Act with transfer rate
Operating Temp.
0°C ~ +40°C (32°F ~ 104°F)
Storage Temp.
-20°C ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 95% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73”) (H) x 221 mm (8.66) (W) x 151.5 mm (5.94) (D)
Weight (net/gross)
2.5 kg (5.51 lb)/2.9 kg (6.39 lb)
Certification
FCC class B/CE class B
* Specifications and certifications are based on options and may
vary.
** Recommend ordering optional cable kit with first order.
Low Power
AMT


Similar Part No. - NA-812A

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-812B AXIOMTEK-NA-812B Datasheet
220Kb / 1P
   Ultra low power and high performance
More results

Similar Description - NA-812A

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-812B AXIOMTEK-NA-812B Datasheet
220Kb / 1P
   Ultra low power and high performance
logo
Silicon Laboratories
C8051F912 SILABS-C8051F912 Datasheet
61Kb / 3P
   Ultra-Low Power, High-Performance MCU
C8051F98X SILABS-C8051F98X Datasheet
51Kb / 2P
   Ultra Low Power, High-Performance MCU
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
WALSIN TECHNOLOGY CORPO...
WW08J WALSIN-WW08J Datasheet
192Kb / 7P
   Ultra low and stable TCR performance
logo
STMicroelectronics
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
1Mb / 68P
   Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM303AH STMICROELECTRONICS-LSM303AH Datasheet
1Mb / 82P
   Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2018 Rev 7
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com