Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA-820L Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA-820L
Description  High performance and cost-effective solution
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA-820L Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA-820L Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
SOHO Series
SMB Series
Accessories
© 2013 Axiomtek Co., Ltd. All rights reserved.
NA-820L
1U Rackmount Network Appliance Platform
with LGA775 Intel
® Core™2 Duo Processor
and 4 LANs
LGA775 socket Intel
® Pentium® 4/ Pentium® D/ Core™2 Duo
processor
Supports four 10/100/1000Mbps Ethernet ports
(Intel
® 82573L)
Supports BIOS redirected to COM port
Supports up to two 2.5 SATA HDD
Suitable for VPN, network bandwidth controller, firewall and
UTM applications
High performance and cost-effective solution
Ordering Information
Packing List
Dimensions
Specifications
Features
Rear view
Front view
System
CPU
LGA775 socket for Intel
® Pentium® 4 (Prescott)/ Pentium® D/
Core™2 Duo processor
Chipset
Intel
® 945GC + ICH7R
Memory
2 x DDR2 533/667 DIMM max. up to 4 GB (memory usage is
dependent upon chipset)
BIOS
Award 4Mbit PnP Flash BIOS with function of BIOS
redirected to COM port
HDD Interface
1 x 2.5 SATA HDD
Network Interface
4 x 10/100/1000Mbps Ethernet (Intel
® 82573L)
SSD
1 x CompactFlash™
I/O Interface
1 x RS-232 (DB9 connector), 2 x USB connector, 4 x RJ-45
connector
Watchdog Timer
255 stepping for porting
USB
2 x USB 2.0 port on front side, rest are internal pin headers
Expansion Slot
1 x 32-bit/33MHz PCI slot
1 x 32-bit/33MHz MiniPCI slot
Other Features
LAN bypass function through WDT and GPIO pin control
(optional)
Power Supply
270W ATX power supply
OS Compatibility
Linux Redhat Kernel 2.4 and 2.6, FreeBSD
Mechanical/ Environmental
Form Factor
1U rackmount
LED
Power, HDD, Link/Act with transfer rate (RJ-45)
Operating Temp.
0° ~ +45°C (32°F ~ 113°F)
Storage Temp.
-20°C ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 95% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73") (H) x 427.8 mm (16.84") (W) x 301 mm (11.85") (D)
Weight (net/gross)
8.2 kg (18.08 lb)/9.8 kg (21.61 lb)
Certification
FCC class A/CE class A
Standard
NA-820L-R4GI
1U high performance network appliance with LGA775 socket
for Intel
® Pentium® 4/Core™2 Duo CPU, 4 10/100/1000Mbps
Optional
CK9A102
Cable kit (P/N: 880800006A0E)
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
1 x power cord
1 x SATA cable
1 x utility CD (user's manual and driver)
Introduction
The NA-820L is a cost-effective network appliance platform with 4 front Gigabit LAN
ports. Built with Intel
® 945GC+ICH7R chipset, this extremely low cost network appliance
supports an Intel
® Core™2 Duo processor up to 1.8GHz with a 800MHz frontside bus.
Through an Intel
® 82573L Ethernet controller, the network appliance platform supports
four gigabit Ethernet and meets IEEE 802.3u standard for critical network environments.
Dual DIMM sockets support up to 4GB of DDR2 system memory, and additional network
application support is made possible by PCI slot, MiniPCI slot, and CompactFlash socket.
To prevent network problems when the platform shuts down, the NA-820L supports LAN
bypass function through WDT and GPIO pin definitions.
NA-820L


Similar Part No. - NA-820L

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-820 AXIOMTEK-NA-820 Datasheet
147Kb / 1P
   Suitable for VPN
More results

Similar Description - NA-820L

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
logo
Cirrus Logic
CS48500 CIRRUS-CS48500 Datasheet
319Kb / 28P
   Cost-effective, High-performance 32-bit DSP
CS48520 CIRRUS-CS48520 Datasheet
369Kb / 23P
   Cost-effective, High-performance 32-bit DSP
logo
Advantech Co., Ltd.
ARK-1310 ADVANTECH-ARK-1310 Datasheet
389Kb / 2P
   Cost-effective, Entry-level Automation System Solution
logo
International Rectifier
IRDC3621EVAL IRF-IRDC3621EVAL Datasheet
1Mb / 13P
   The IR3621 IC combines a Dual synchronous Buck controller,providing a cost-effective, high performance and flexible solution.
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
   Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
logo
Murata Manufacturing Co...
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS20M0X51Z-B0 MURATA-CSTLS20M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com