Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1400A4810L01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MINT1400A4810L01
Description  400W Single Output Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1400A4810L01 Datasheet(HTML) 1 Page - SL Power Electronics

  MINT1400A4810L01 Datasheet HTML 1Page - SL Power Electronics MINT1400A4810L01 Datasheet HTML 2Page - SL Power Electronics MINT1400A4810L01 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
______________________________________________________________________________________________________________________________ 1 of 3
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
AC Input
80-270VAC, 47-63 Hz single phase. (See Note 1)
Turn On Time
500mSec maximum
Input Current Input
120VAC: 4.2A, 230VAC: 2.1A
Hold-up Time
20 ms at 400W
Inrush Current Input
Active circuit, 37A max
Overvoltage Protection
See chart
Input Fuses
F1, F2: 6.3A
Overload Protection
Cycling type, 470W typical
Power Factor
0.99 typical, 0.96 minimum
Overtemperature Protection
Provided on all models, auto-
recovery. See page 2 for cooling information
Efficiency
Typical 88% @ 120VAC, 91% @ 240VAC
Remote Sense
Compensates for up to 500mV
drop on output leads
Switching Frequency
Output: 170kHz ± 8kHz;
PFC: 90kHz, ± 8kHz; Bias: 100kHz, ± 6 kHz
Output Power
400W with fan cooling. See derating chart for other
conditions. Peak: 450W for 1 min., 10% duty cycle
Safety Standards
Medical: EN/IEC/UL 60601-1, CSA 601.1
ITE: CSA/EN/IEC/UL 60950-1, 2nd Edition
Ripple and Noise
1% pk-pk max., 20MHz BW, differential mode
Isolation
Input-Output: 4000VAC,
Input-Ground: 1500VAC, Output-Ground
Output Voltages
See chart. Voltages adjustable +/- 5%
Earth Leakage Current
100µA at 120VAC, 60Hz Normal.
400µA at 264Vac, 60Hz SFC.
Total Regulation
See chart
Operating Temperature
0° to 70°C, refer to derating
curve for ratings >40°C
Minimum Load
Not required
Storage Temperature
-40 to +85°C
Transient Response
500µs to 1%, 0.2A/µs, 3.5% Deviation
Relative Humidity
5% to 95%, non-condensing
Shock and Vibration
Shock:
MIL-STD-810E, 516.4 part IV
Vibration: 5Hz – 500Hz, 2.5 Grms
Altitude
Operating: -500 to 10,000 ft.
Non-Operating: -500 to 40,000 ft.
MINT1400A
400W Single Output Series
Medical – Universal Input Power Supply
2 Year Warranty
Compact 3.94” x 7” x 1.58”, 1U compatible
9.5 W/in³
300W Convection Rating
Efficiency up to 91%
12Vdc to 48Vdc outputs, up to 400W
Remote ON/OFF by PS-ON Signal
Safety approved to Medical and ITE Standards
EN/IEC/UL60601-1 and CSA 601.1
CSA/EN/IEC/UL60950-1, 2
nd Edition
Compliant to EN55011/22 Conducted Noise,
Class B
RoHS Compliant – Category 6
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
Model Number Key
12
Output Voltage: "12" = 12V output, "24" = 24V output, etc.
10
"10" = Output Connections - Bus Bars w ith #10 screw s
MINT
"L" = Input Connector - EBY P/N 5002-03-N-12
01
01 = Standard Model, 02 and higher indicates a m odified m odel.
Product Fam ily: "M" = Medical, "I" = Internal, "NT" = New Technology
1
# of Outputs
400
Output Pow er (Watts) - "400" = 400W
A
Model Configuration: "A" = Original Configuration
L


Similar Part No. - MINT1400A4810L01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1400A4810L01 SLPOWER-MINT1400A4810L01 Datasheet
400Kb / 3P
   400W Single Output Series
MINT1400A4810L01 SLPOWER-MINT1400A4810L01 Datasheet
400Kb / 3P
   Universal Input Power Supply
More results

Similar Description - MINT1400A4810L01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1400A SLPOWER-MINT1400A_13 Datasheet
400Kb / 3P
   400W Single Output Series
logo
Mean Well Enterprises C...
EPP-400 MEANWELL-EPP-400 Datasheet
549Kb / 4P
   400W Single Output with PFC Function
ERPF-400 MEANWELL-ERPF-400 Datasheet
120Kb / 4P
   400W Single Output Switching Power Supply
NEL-400 MEANWELL-NEL-400 Datasheet
538Kb / 2P
   400W Single Output Switching Power Supply
logo
List of Unclassifed Man...
TC-1U40 ETC2-TC-1U40 Datasheet
254Kb / 5P
   DC output 400w maximum
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
List of Unclassifed Man...
R1J-400I1H2A0 ETC2-R1J-400I1H2A0 Datasheet
735Kb / 12P
   400W400W Redundant Power Supply
logo
MicroPower Direct, LLC
MPA400L MPD-MPA400L Datasheet
380Kb / 2P
   Low Profi le 400W Single Output Power Factor Corrected AC/DC Power Supplies
logo
Tumbler Technologies + ...
TIPC400-24 TRUMPOWER-TIPC400-24 Datasheet
174Kb / 1P
   400W ATX PC Power Supply with 24V Output
logo
List of Unclassifed Man...
R4S-400G1V2 ETC2-R4S-400G1V2 Datasheet
319Kb / 13P
   400W400W Mini Redundant Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com