Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-4463 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-4463
Description  Intel짰 Atom??Processor N450/D510 ETX CPU Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-4463 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-4463_11 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-4463_11 Datasheet HTML 2Page - Advantech Co., Ltd. SOM-4463_11 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Computer On Modules
All product specifications are subject to change without notice
Last updated : 9-May-2011
Features
Intel® Atom™ Processor
N450/D510 ETX CPU Module
SOM-4463
ƒ Embedded Intel® Atom™ Processor N450 1.66 GHz single core/ D510
1.66 GHz dual-core + ICH8M
ƒ Intel Gen 3.5 DX9, MPEG2 Decode in HW, multiple display: VGA, 18-bit LVDS
ƒ Supports DDR2 SODIMM up to 2 GB
ƒ Supports 4 PCI, 2 SATAII, 4 USB 2.0, ISA
ƒ Supports embedded software APIs and Utilities
Specifications
Form Factor
ETX 3.0
Processor System
CPU
Intel Atom N450 1.67 GHz (single core), 512 KB L2 Cache
Intel Atom D510 1.67 GHz (dual core), 1 MB L2 Cache
System Chipset
ICH8M
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
DDR2 667 MHz
Max. Capacity
Up to 2 GB
Socket
1 x 200-pin SODIMM sockets
Display
Chipset
Intel Atom N450 or Intel Atom D510
Graphic Engine
Intel Gen 3.5 DX9, MPEG2 Decode in HW
LVDS
18-bit single channel LVDS
VGA
Intel Atom N450 Single Core up to 1400 x 1050 (SXGA)
Intel Atom D510 Dual Core up to 2048 x 1536
DVI
-
TV Out
-
SDVO
-
Dual Display
CRT + LVDS
Ethernet
Chipset
Realtek 8103EL 10/100 Mbps Ethernet
Speed
10/100 Mbps
WatchDog Timer
256 level timer interval, from 0 to 255 sec or min setup by software, jumperless selection, generates system
reset
Expansion
ISA, 4 PCI masters
I/O
PATA
1 x EIDE (UDMA 100)
SATA
2 x SATAII (300 MB/s)
USB
4 x USB 2.0
Audio
ALC888 Audio
GPIO
1-bit GPIO, 2-bit GPE
COM
2 x COM Ports
FDD/LPT
1 x FDD or LPT
Power
Power Type
ATX, AT
Power Supply Voltage
+5 V (+5 VSB for ATX)
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
95 x 114 mm (3.74" x 4.5")
Monitoring
BIOS flash
Embedded
Security ID
Flash Lock
Backlight On/Off
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Brightness
Utilities:
Software APIs:


Similar Part No. - SOM-4463_11

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4463B1 ADVANTECH-SOM-4463B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
More results

Similar Description - SOM-4463_11

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4463-A2 ADVANTECH-SOM-4463-A2_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-4463 ADVANTECH-SOM-4463 Datasheet
942Kb / 2P
   Intel짰 Atom N450/D510 ETX CPU Module
SOM-4463A2 ADVANTECH-SOM-4463A2 Datasheet
1Mb / 3P
   N450/D510 ETX CPU Module
SOM-6763 ADVANTECH-SOM-6763 Datasheet
888Kb / 2P
   Intel짰 Atom N450/D510 COM-Micro CPU Module
SOM-4461 ADVANTECH-SOM-4461_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461A2 ADVANTECH-SOM-4461A2 Datasheet
1Mb / 4P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-6763 ADVANTECH-SOM-6763_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-6763 ADVANTECH-SOM-6763_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/ D510 COM-Express Compact Module
SOM-4463-B2 ADVANTECH-SOM-4463-B2_15 Datasheet
898Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B1 ADVANTECH-SOM-4463B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com