Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5782FG-S0A2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5782FG-S0A2E
Description  Intel짰 Core??2 Duo, 945GME COM-Express CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5782FG-S0A2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5782FG-S0A2E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5782FG-S0A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
SOM-5782
Ethernet
Intel Core Duo/Solo/
Celeron M
Processor
945GME
FSB : 533/667MHz
ICH7-M DH
DMI PCIe x 4, 2 G/1 G
DDR2 SDRAM
200-pin SODIMM x 1
(Up to 2 GB)
Single Channel DDR2
WDT/GPIO
FWH
WDT/GPIO
Giga LAN
(82573L)
533/667MHz
PCIe x16 / SDVO
Dual LVDS Channel
USB 2.0 x 8
5 x PCIe x1
AC97/ Azalia
SATA x 2
Analog RGB
PRIMARY IDE/ATA 100
PCI BUS
SMBUS
1 PCIe x 1
Ordering Information
Part No.
CPU
L2
Cache Chipset LVDS
VGA SDVO TV out Giga
LAN
10/100
LAN
HD
Audio
AC97
Audio
PCIe
x 16
PCIe
x 1
PCI USB
2.0
SATA LPC SMBUS ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-5782FG-00A2E Socket
945GME 2 x 18-bit Yes
2
Yes
1
--
Yes
Yes
1
5
4
8
2
Yes Yes
Yes
Yes
Active
0 ~ 60° C
SOM-5782FG-S0A2E
Celeron M
423
1 MB
945GME 2 x 18-bit Yes
2
Yes
1
--
Yes
Yes
1
5
4
8
2
Yes Yes
Yes
Yes
Passive
0 ~ 60° C
SOM-5782FG-S5A2E
Core 2 Duo
L7400
4 MB
945GME 2 x 18-bit Yes
2
Yes
1
--
Yes
Yes
1
5
4
8
2
Yes Yes
Yes
Yes
Passive
0 ~ 60° C
SOM-5782FG-S1A2E
Core 2 Duo
U7500
2 MB
945GME 2 x 18-bit Yes
2
Yes
1
--
Yes
Yes
1
5
4
8
2
Yes Yes
Yes
Yes
Active
0 ~ 60° C
Development Board
Part No.
Description
SOM-DB5700G-00A2E
Development Board for Giga LAN COM Module
Optional Accessories
Part No.
Description
1960023996N00B
Semi-Heatsink 125 x 95 x 22 mm
1960048820N001
Semi-Cooler 125 x 95 x 33.5 mm with 12 V Fan
Packing List
Part No.
Description
Quantity
SOM-5782 CPU Module
1
Utility CD
1
1960005316
Heatspreader (SOM-5782FG-00A2E)
1
1960005315
Heatspreader (SOM-5782FG-S0A2E,
SOM-5782FG-S7A2E, SOM-5782FG-S5A2E,
SOM-5782FG-S1A2E)
1


Similar Part No. - SOM-5782FG-S0A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5782FG-S0A1E ADVANTECH-SOM-5782FG-S0A1E Datasheet
343Kb / 2P
   Intel짰 Core??2 Duo, 945GME COM-Express CPU Module
More results

Similar Description - SOM-5782FG-S0A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5782 ADVANTECH-SOM-5782 Datasheet
343Kb / 2P
   Intel짰 Core??2 Duo, 945GME COM-Express CPU Module
SOM-5786 ADVANTECH-SOM-5786 Datasheet
354Kb / 2P
   Intel짰 Core??2 Duo GME965 COM-Express CPU Module
SOM-4780 ADVANTECH-SOM-4780 Datasheet
297Kb / 2P
   Intel짰 Core??2 Duo, 945GME XTX CPU Module
logo
List of Unclassifed Man...
EMETXE-I9455 ETC2-EMETXE-I9455 Datasheet
289Kb / 2P
   Intel Core 2 Duo COM Express Basic Type 2 CPU Module
EMETXE-I9652 ETC2-EMETXE-I9652 Datasheet
302Kb / 2P
   Intel Core 2 Duo COM Express Basic Type 2 CPU Module
logo
Advantech Co., Ltd.
SOM-5788 ADVANTECH-SOM-5788 Datasheet
872Kb / 2P
   Intel짰 Intel짰 Core??i7/i5 COM-Express CPU Module
SOM-5787 ADVANTECH-SOM-5787_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-6787 ADVANTECH-SOM-6787 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Compact Module
SOM-5786 ADVANTECH-SOM-5786_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GME965 COM-Express Basic Module
SOM-5787 ADVANTECH-SOM-5787 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com