Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5892FG-U3B1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5892FG-U3B1E
Description  Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5892FG-U3B1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5892FG-U3B1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5892FG-U3B1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-5892 B1
Ordering Information
Part No.
CPU
CPU TDP LLC
PCH DDR3
SODIMM LVDS
VGA DDI Giga
LAN HDA
PEG
x16
PCIe
x1
USB
2.0
USB
3.0
SATA
LPC Power Thermal
Solution
Operating
Temp.
SOM-5892FG-U3B1E Core i7-3615QE
2.3 GHz
45W
6 MB QM77 ECC
18/24-bit Yes
3
1
Yes
1
7
8
4
2 SATA III
2 SATA II Yes
AT/ATX Active
0 ~ 60° C
SOM-5892FG-U7B1E Core i5-3610ME
2.7 GHz
35W
3 MB QM77 ECC
18/24-bit Yes
3
1
Yes
1
7
8
4
2 SATA III
2 SATA II Yes
AT/ATX Active
0 ~ 60° C
SOM-5892FG-S6B1E
Core i3-3217UE
1.6 GHz
17W
3 MB QM77 ECC
18/24-bit Yes
3
1
Yes
1
7
8
4
2 SATA III
2 SATA II Yes
AT/ATX Active
0 ~ 60° C
Note: Passive = fanless; Active = with fan
Development Board
Part No.
Description
SOM-DB5800-00A2E
COM-Express Development Board A2 Type 6 Pin-out
Packing List
Part No.
Description
Quantity
-
SOM-5892 CPU Module
1
1960052353N011
Heatspreader
1
Optional Accessories
Part No.
Description
1960048820N001
Semi-Cooler 125x95x33.5mm with 12V Fan
LPC BUS
FCBGA 989 balls
Panther Point-M
25*25 mm
IMVP 7
PCIE x16 or 2 PCIe x8 or 1 PCIe x8 and 2 PCIe x4
204pin SO-UDIMM x2
Support ECC
1066/1333/1600 MHz
up to 16 GB
Ivy Bridge
Mbl + ECC
Dual Channel DDR3/3L
FDI
DMI
Dual LVDS Channel
Analog VGA
Ethernet
Giga LAN
82579LM
6 PCIE x1
2 SATA2.0
2 SATA3.0
HD Audio
8 USB2.0
1 PCIEx1
iManager
WDT / GPIO / I2C
SMBus
SPI BIOS
SPI Bus
COM-express 0 R2.0 Type 6
RS1 / RS2 / FAN
DDI Port B
HDMI / DVI / DisplayPort
DDI Port C
HDMI / DVI / DisplayPort
DDI Port D
HDMI / DVI / DisplayPort
1 PCIEx1
4 USB3.0
TPM
1023-pin BGA
31*24 mm


Similar Part No. - SOM-5892FG-U3B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5892FG-U3B1E ADVANTECH-SOM-5892FG-U3B1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5892FG-U3B1E ADVANTECH-SOM-5892FG-U3B1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5892FG-U3B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5890 ADVANTECH-SOM-5890 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892 ADVANTECH-SOM-5892 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-6894 ADVANTECH-SOM-6894_15 Datasheet
567Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
SOM-5788 ADVANTECH-SOM-5788 Datasheet
872Kb / 2P
   Intel짰 Intel짰 Core??i7/i5 COM-Express CPU Module
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
Axiomtek Co., Ltd.
CAPA880 AXIOMTEK-CAPA880 Datasheet
285Kb / 1P
   LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com