Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT33GF120LRD Datasheet(PDF) 8 Page - Advanced Power Technology

Part # APT33GF120LRD
Description  The Fast IGBT??is a new generation of high voltage power IGBTs.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT33GF120LRD Datasheet(HTML) 8 Page - Advanced Power Technology

  APT33GF120LRD Datasheet HTML 1Page - Advanced Power Technology APT33GF120LRD Datasheet HTML 2Page - Advanced Power Technology APT33GF120LRD Datasheet HTML 3Page - Advanced Power Technology APT33GF120LRD Datasheet HTML 4Page - Advanced Power Technology APT33GF120LRD Datasheet HTML 5Page - Advanced Power Technology APT33GF120LRD Datasheet HTML 6Page - Advanced Power Technology APT33GF120LRD Datasheet HTML 7Page - Advanced Power Technology APT33GF120LRD Datasheet HTML 8Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
APT33GF120B2RD/LRD
PEARSON 411
CURRENT
TRANSFORMER
0.5 IRRM
di
F/dt Adjust
30
µH
D.U.T.
+15v
-15v
0v
Vr
Dimensions in Millimeters and (Inches)
Dimensions in Millimeters and (Inches)
4
3
1
2
5
5
0.75 IRRM
trr/Qrr
Waveform
Zero
6
1
2
3
4
6
di
F/dt - Current Slew Rate, Rate of Forward
Current Change Through Zero Crossing.
I
F - Forward Conduction Current
I
RRM - Peak Reverse Recovery Current.
trr - Reverse Recovery Time Measured from Point of IF
Qrr - Area Under the Curve Defined by IRRM and trr.
diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Current Falling Through Zero to a Tangent Line
{
diM/dt
}
Extrapolated Through Zero Defined by 0.75 and 0.50 I
RRM.
6
Figure 25, Diode Reverse Recovery Test Circuit and Waveforms
Figure 8, Diode Reverse Recovery Waveform and Definitions
Qrr = 1/2 (trr . IRRM)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Collector
(Cathode)
Emitter
(Anode)
Gate
Collector
(Cathode)
Emitter
(Anode)
Gate
19.51 (.768)
20.50 (.807)
19.81 (.780)
21.39 (.842)
25.48 (1.003)
26.49 (1.043)
2.29 (.090)
2.69 (.106)
0.76 (.030)
1.30 (.051)
3.10 (.122)
3.48 (.137)
4.60 (.181)
5.21 (.205)
1.80 (.071)
2.01 (.079)
2.59 (.102)
3.00 (.118)
0.48 (.019)
0.84 (.033)
2.29 (.090)
2.69 (.106)
5.79 (.228)
6.20 (.244)
2.79 (.110)
3.18 (.125)
5.45 (.215) BSC
2-Plcs.
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
4.50
(.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
2.87 (.113)
3.12 (.123)
2-Plcs.
TO-264 Package Outline
T-MAX™ Package Outline


Similar Part No. - APT33GF120LRD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT33GF120LRDQ2 ADPOW-APT33GF120LRDQ2 Datasheet
454Kb / 9P
   FAST IGBT & FRED
APT33GF120LRDQ2G ADPOW-APT33GF120LRDQ2G Datasheet
454Kb / 9P
   FAST IGBT & FRED
More results

Similar Description - APT33GF120LRD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40GF120JRD ADPOW-APT40GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs
APT50GF60B2RD ADPOW-APT50GF60B2RD Datasheet
112Kb / 7P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT33GF120HR ADPOW-APT33GF120HR Datasheet
26Kb / 2P
   The Fast IGBT is a new generation of high voltage power IGBTs
APT60GF120JRD ADPOW-APT60GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT100GF60JRD ADPOW-APT100GF60JRD Datasheet
77Kb / 5P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT20GF120BR ADPOW-APT20GF120BR Datasheet
74Kb / 5P
   The Fast IGBT is a new generation of high voltage power IGBTs.
APT50GF60BR ADPOW-APT50GF60BR Datasheet
82Kb / 5P
   The Fast IGBT is a new generation of high voltage power IGBTs.
APT20GF120BRD ADPOW-APT20GF120BRD Datasheet
114Kb / 8P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT50GF120JRD ADPOW-APT50GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT100GF60B2R ADPOW-APT100GF60B2R Datasheet
38Kb / 3P
   The Fast IGBT is a new generation of high voltage power IGBTs.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com